Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 14Page - Zilog, Inc. Z8018233FSC Datasheet HTML 15Page - Zilog, Inc. Z8018233FSC Datasheet HTML 16Page - Zilog, Inc. Z8018233FSC Datasheet HTML 17Page - Zilog, Inc. Z8018233FSC Datasheet HTML 18Page - Zilog, Inc. Z8018233FSC Datasheet HTML 19Page - Zilog, Inc. Z8018233FSC Datasheet HTML 20Page - Zilog, Inc. Z8018233FSC Datasheet HTML 21Page - Zilog, Inc. Z8018233FSC Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
3-18
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Z85230 ESCC™ FUNCTIONAL DESCRIPTION
The Zilog Enhanced Serial Communication Controller
ESCC™is a dual channel, multiprotocol data communication
peripheral. The ESCC functions as a serial-to-parallel,
parallel-to-serial converter/controller. The ESCC can be
software-configured to satisfy a wide variety of serial
communications applications. The device contains a variety
of new, sophisticated internal functions including on-chip
baud rate generators, digital phase-lock loops, and crystal
oscillators, which dramatically reduce the need for external
logic.
The ESCC handles asynchronous formats, synchronous
byte-oriented protocols such as IBM® Bisync, and
synchronous bit-oriented protocols such as HDLC and
IBM SDLC. This versatile device supports virtually any
serial data transfer application (telecommunication, LAN,
etc.)
The device can generate and check CRC codes in any
synchronous mode and can be programmed to check
data integrity in various modes. The ESCC also has facilities
for modem control in both channels in applications where
these controls are not needed, the modem controls can be
used for general-purpose I/O.
With access to 14 Write registers and 7 Read registers per
channel (number of the registers varies depending on the
version), the user can configure the ESCC to handle all
synchronous formats regardless of data size, number of
stop bits, or parity requirements. The ESCC also
accommodates all synchronous formats including
character, byte, and bit-oriented protocols.
Within each operating mode, the ESCC also allows for
protocol variations by checking odd or even parity bits,
character insertion or deletion, CRC generation, checking
break and abort generation and detection, and many other
protocol-dependent features.
The ESCC (Enhanced SCC) is pin and software compatible
to the CMOS SCC version. The following enhancements
were made to the CMOS SCC:
s
Deeper Transmit FIFO (4 bytes)
s
Deeper Receive FIFO (8 bytes)
s
Programmable FIFO interrupt and DMA request level
s
Seven enhancements to improve SDLC link layer
supports:
- Automatic transmission of the opening flag
- Automatic reset of Tx Underrun/EOM latch
- Deactivation of /RTS pin after closing flag
- Automatic CRC generator preset
- Complete CRC reception
- TxD pin automatically forced High with NRZI
encoding when using mark idle
- Status FIFO handles better frames with an ABORT
- Receive FIFO automatically unlocked for special
receive interrupts when using the SDLC status FIFO
s
Delayed bus latching for easier microprocessor
interface
s
New programmable features added with Write Register
7' (WR seven prime)
s
Write registers, 3, 4, 5 and 10 are now readable
s
Read register 0 latched during access
s
DPLL counter output available as jitter-free transmitter
clock source
s
Enhanced /DTR, /RTS deactivation timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com