Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 19Page - Zilog, Inc. Z8018233FSC Datasheet HTML 20Page - Zilog, Inc. Z8018233FSC Datasheet HTML 21Page - Zilog, Inc. Z8018233FSC Datasheet HTML 22Page - Zilog, Inc. Z8018233FSC Datasheet HTML 23Page - Zilog, Inc. Z8018233FSC Datasheet HTML 24Page - Zilog, Inc. Z8018233FSC Datasheet HTML 25Page - Zilog, Inc. Z8018233FSC Datasheet HTML 26Page - Zilog, Inc. Z8018233FSC Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
3-23
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Table 6. 16550 Line Status Register
Error
Description
How to Set
How to Clear
Error in
At least one data byte available
At least one error in receiver
When there are no more
RCVR
in FIFO with one error
FIFO
errors
FIFO
*TEMT
Transmitter empty
MPU writes a 1
MPU writes a 0
† *THRE
Transmitter holding
When MPU has
When holding register
register is empty
read or emptied
is not empty
the holding register
Break
Break occurs when
MPU writes 1
There is a
Detect
received data input
PC-side read
is held in logic-0
of the LSR
for longer than a
full word transmission
Framing
Received character
MPU writes 1
There is a
Error
did not have a valid
PC-side read
stop bit
of the LSR
Parity
Received character
MPU writes 1
There is a
Error
did not have correct
PC-side read
even or odd parity
of the LSR
Overrun
Overlapping received
MPU makes
There is a
Error
characters, thereby
two writes
PC-side read
destroying the
to receiver
of the LSR
previous character
buffer register
†Data
Indicates complete
MPU writes to
Empty Receiver
Ready
incoming data has
RCVR FIFO or
or Receiver FIFO
been received
receiver buffer
register
Notes:
* The TEMT and THRE bits take on different functions when
TEMT/Double Buffer mode is enabled.
† These signals are delayed to HOST when using character
emulation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com