Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 47 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 47 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 43Page - Zilog, Inc. Z8018233FSC Datasheet HTML 44Page - Zilog, Inc. Z8018233FSC Datasheet HTML 45Page - Zilog, Inc. Z8018233FSC Datasheet HTML 46Page - Zilog, Inc. Z8018233FSC Datasheet HTML 47Page - Zilog, Inc. Z8018233FSC Datasheet HTML 48Page - Zilog, Inc. Z8018233FSC Datasheet HTML 49Page - Zilog, Inc. Z8018233FSC Datasheet HTML 50Page - Zilog, Inc. Z8018233FSC Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 109 page
background image
3-47
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
When the part is in IDLE mode, the clock oscillator is kept
oscillating, but the clock to the rest of the internal circuit,
including the CLKOUT, is stopped completely. IDLE mode
is exited in a similar way as STANDBY mode, i.e., RESET,
BUS REQUEST or EXTERNAL INTERRUPTS, except that
the 217 bit wake-up timer is bypassed; all control signals are
asserted eight clock cycles after the exit conditions are
gathered.
STANDBY-QUICK RECOVERY Mode
STANDBY-QUICK RECOVERY mode is an option offered
in STANDBY mode to reduce the clock recovery time in
STANDBY mode from 217 clock cycles (6.5 ms at 20 MHz)
to 26 clock cycles (3.2
µs at 20 MHz). This feature can only
be used when providing an oscillator as clock source.
To enter STANDBY-QUICK RECOVERY mode:
1. Set D6 and D3 to 1 and 1, respectively.
2. Set the I/O STOP bit (D5 of ICR,
I/O Address = 3FH) to 1.
3. Execute the SLEEP instruction.
When the part is in STANDBY-QUICK RECOVERY mode,
the operation is identical to STANDBY mode except when
exit conditions are gathered, i.e., RESET, BUS REQUEST
or EXTERNAL INTERRUPTS; the clock and other control
signals are recovered sooner than the STANDBY mode.
Note: If STANDBY-QUICK RECOVERY is enabled, the
user must make sure stable oscillation is obtained within
64 clock cycles.
CPU Control Register
The Z8S180 has an additional register which allows the
programmer to select options that directly affect the CPU
performance as well as controlling the STANDBY operating
mode of the chip. The CPU Control Register (CCR) allows
the programmer to change the divide-by-two internal clock
to divide-by-one. In addition, applications where EMI noise
is a problem, the Z8S180 can reduce the output drivers on
selected groups of pins to 25% of normal pad driver
capability which minimizes the EMI noise generated by the
part.
D7
D6
D5
D4
D3
D2
D1
D0
LNCPUCTL
0 = Standard Drive
1 = 25% Drive On CPU
Control Signals
CPU Control Register (CCR) Addr 1FH
LNAD/DATA
0 = Standard Drive
1 = 25% Drive On
A19-A0, D7-D0
Reserved
Standby/Idle Enable
00 = No Standby
01 = Idle After Sleep
10 = Standby After Sleep
11 = Standby After Sleep
64 Cycle Exit
(Quick Recovery)
LNPHI
0 = Standard Drive
1 = 25% Drive On
EXT.PHI Clock
BREXT
0 = Ignore BUSREQ
In Standby/Idle
1 = Standby/Idle Exit
on BUSREQ
Clock Divide
0 = XTAL/2
1 = XTAL/1
00000000
Figure 51. CPU Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com