Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 82 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 82 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 78Page - Zilog, Inc. Z8018233FSC Datasheet HTML 79Page - Zilog, Inc. Z8018233FSC Datasheet HTML 80Page - Zilog, Inc. Z8018233FSC Datasheet HTML 81Page - Zilog, Inc. Z8018233FSC Datasheet HTML 82Page - Zilog, Inc. Z8018233FSC Datasheet HTML 83Page - Zilog, Inc. Z8018233FSC Datasheet HTML 84Page - Zilog, Inc. Z8018233FSC Datasheet HTML 85Page - Zilog, Inc. Z8018233FSC Datasheet HTML 86Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
3-82
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
DC CHARACTERISTICS
Z80182/Z8L182
(V
CC = 3.3V ± 10%, VSS = 0V, over specified temperature range unless otherwise notes.)
Symbol
Parameter
Min
Typ
Max
Unit
Condition
V
IH1
Input H Voltage
V
CC –0.6
V
CC +0.3
V
/RESET, EXTAL, NMI
V
IH2
Input H Voltage
2.0
V
CC +0.3
V
Except /RESET, EXTAL, NMI
V
IL1
Input L Voltage
–0.3
0.6
V
/RESET, EXTAL, NMI
V
IL2
Input L Voltage
–0.3
0.8
V
Except /RESET, EXTAL, NMI
V
OH1
Output H Voltage
2.15
V
I
OH = –200 µA
All outputs
V
OH2
Output H PHI
V
CC –0.6
V
I
OH= –200 µA
V
OL1
Output L Voltage
0.40
V
I
OL = 2.2 mA
All outputs
V
OL2
Output L PHI
0.40
V
I
OL= 2.2 mA
I
IL
Input Leakage
10
µAV
IN = 0.5 - VCC –0.5
Current All Inputs
Except XTAL, EXTAL
I
TL
Tri-state Leakage Current
10
µAV
IN = 0.5 - VCC –0.5
I
CC*
Power Dissipation*
40
80
mA
f = 20 MHz
(Normal Operation)
Power Dissipation*
TBD
TBD
mA
f= 20 MHz
(SLEEP)
Power Dissipation*
TBD
TBD
mA
f= 20 MHz
(I/O STOP)
Power Dissipation*
4
8
mA
f = 20 MHz
(SYSTEM STOP mode)
IDLE Mode
TBD
TBD
mA
f = 20 MHz
STANDBY Mode
50
µA
f = 0 MHz †
Cp
Pin Capacitance
12
pF
V
IN = 0V, f = 1 MHz
T
A = 25°C
Notes:
These I
CC
values are preliminary and subject to change without notice.
* V
IH
Min = V
CC
-1.0V, V
IL
Max = 0.8V (all output terminals are at no load)
V
CC
= 3.3V
† Device may take up to two seconds before stabilizing to steady state current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com