Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 100 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 100 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 96Page - Zilog, Inc. Z8018233FSC Datasheet HTML 97Page - Zilog, Inc. Z8018233FSC Datasheet HTML 98Page - Zilog, Inc. Z8018233FSC Datasheet HTML 99Page - Zilog, Inc. Z8018233FSC Datasheet HTML 100Page - Zilog, Inc. Z8018233FSC Datasheet HTML 101Page - Zilog, Inc. Z8018233FSC Datasheet HTML 102Page - Zilog, Inc. Z8018233FSC Datasheet HTML 103Page - Zilog, Inc. Z8018233FSC Datasheet HTML 104Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 109 page
background image
3-100
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
ESCC External Bus Master Timing
1
2
Valid ESCC
Addr * IORQ
/RD or
/WR
DTR/REQ
Request
Figure 109. ESCC External Bus Master Timing
Table G. External Bus Master Interface Timing (SCC Related Timing)
Z8L182
Z80182
20 MHz
33 MHz
No.
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
1
TrC
Valid Access Recovery Time
4TcC
4TcC
ns
[1]
2
TdRDr(REQ)
/RD Rise to /DTR//REQ Not Valid Delay
4TcC
4TcC
ns
Notes:
These AC parameter values are preliminary and are subject to change without notice.
[1] Applies only between transactions involving the ESCC.
T
CC
= ESCC clock period time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com