Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 102 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 102 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 98Page - Zilog, Inc. Z8018233FSC Datasheet HTML 99Page - Zilog, Inc. Z8018233FSC Datasheet HTML 100Page - Zilog, Inc. Z8018233FSC Datasheet HTML 101Page - Zilog, Inc. Z8018233FSC Datasheet HTML 102Page - Zilog, Inc. Z8018233FSC Datasheet HTML 103Page - Zilog, Inc. Z8018233FSC Datasheet HTML 104Page - Zilog, Inc. Z8018233FSC Datasheet HTML 105Page - Zilog, Inc. Z8018233FSC Datasheet HTML 106Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
3-102
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC TIMING (Continued)
Figure 111. Data Setup and Hold, Output Delay, Write Cycle
Valid
HD7-HD0
/HRD
10
11
12
Figure 112. Data Setup and Hold, Output Delay, Read Cycle
Table I. Data Setup and Hold, Output Delay, Read Cycle
Z8L182
Z80182
20 MHz
33 MHz
No.
Sym
Parameter
Min
Max
Min
Max
Units
7
tDs
Data Setup Time
30
30
ns
8
tDh
Data Hold Time
30
30
ns
9
tWc
Write Cycle Delay
2.5 MPU
2.5 MPU
ns
Clock Cycles
Clock Cycles
10
tRvD
Delay from /HRD to Data
125
125
ns
11
tHz
/HRD to Floating Delay
100
100
ns
12
tRc
Read Cycle Delay
125
125
ns
Note:
These AC parameter values are preliminary and are subject to change without notice.
Valid
HD7-HD0
/HWR
8
9
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com