Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 101 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 101 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 97Page - Zilog, Inc. Z8018233FSC Datasheet HTML 98Page - Zilog, Inc. Z8018233FSC Datasheet HTML 99Page - Zilog, Inc. Z8018233FSC Datasheet HTML 100Page - Zilog, Inc. Z8018233FSC Datasheet HTML 101Page - Zilog, Inc. Z8018233FSC Datasheet HTML 102Page - Zilog, Inc. Z8018233FSC Datasheet HTML 103Page - Zilog, Inc. Z8018233FSC Datasheet HTML 104Page - Zilog, Inc. Z8018233FSC Datasheet HTML 105Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
3-101
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC TIMING
Refer to Figures 106 thru 112 for MIMIC AC Timing.
Valid
HA2, HA1, HA0
/HCS
/HRD
/HWR
1
2
3
4
5
6
Figure 110. PC Host /RD /WR Timing
Table H. PC Host /RD /WR Timing
Z8L182
Z80182
20 MHz
33 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Units
1
tAR
/HRD Delay from Address
30
30
ns
2
tCSR
/HRD Delay from /HCS
30
30
ns
3
tAW
/HWR Delay from Address
30
30
ns
4
tCSW
/HWR Delay from /HCS
30
30
ns
5
tAh
Address Hold Time
20
20
ns
6
tCSh
/HCS Hold Time
20
20
ns
Note:
These AC parameter values are preliminary and are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com