Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 20Page - Zilog, Inc. Z8018233FSC Datasheet HTML 21Page - Zilog, Inc. Z8018233FSC Datasheet HTML 22Page - Zilog, Inc. Z8018233FSC Datasheet HTML 23Page - Zilog, Inc. Z8018233FSC Datasheet HTML 24Page - Zilog, Inc. Z8018233FSC Datasheet HTML 25Page - Zilog, Inc. Z8018233FSC Datasheet HTML 26Page - Zilog, Inc. Z8018233FSC Datasheet HTML 27Page - Zilog, Inc. Z8018233FSC Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
3-24
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC FIFO DESCRIPTION (Continued)
The PC interface may be interrupted when 1, 4, 8 or 14
bytes are available in the receiver FIFO by setting bits 6
and 7 in the FCR (FIFO Control Register, PC address 02H)
to the appropriate value. If the FIFO is not empty, but below
the above trigger value, a timeout interrupt is available if
the receiver FIFO is not written by the MPU or read by the
PC from an interval determined by the Character Timeout
Timer. This is an additional Timer with MPU access only
that is used to emulate the 16550 4 character timeout
delay.
The Receive FIFO timeout timers are designed to reload
and begin countdown after every read or write of the Rx
FIFO, regardless of the Rx trigger level or number of bytes
in the FIFO. Therefore, it is possible to get Timeout interrupts
more often than Receive data interrupts. In order to closely
emulate a 16550, a receive timeout timer enhancement is
provided. When enabling this feature, the timeout timer will
not begin counting down until the character emulation
timer for each byte of data in the Rx FIFO has expired.
Note: Enabling this feature will facilitate increased
16550 compatibility but may impede throughput. If the
Receive Timeout interrupt occurs, the PC HOST will only
be allowed to read up to 4-5 consecutive characters
before the Data Ready bit is forced to zero (even if there
is still more data in FIFO). This is required to maintain
character pacing.
R
E
A
D
B
U
F
F
E
R
16x8
Data Bits
W
R
I
T
E
B
U
F
F
E
R
Read
Pointer
ALU
Sync
Internal Clock
MPU
CNTL
Line
8
MPU
Databus
(MPU Side Read)
FIFO
Control
Register
MPU
IRQ
Sync
8
PC Side
Databus
(PC Side Write)
Internal
Clock
PC
IRQ
PC
Cntrl
Line
Internal Clock
MPU Side
Interface
16550
MIMIC or
PC Side
Interface
Write
Pointer
5
The timer receives the ESCC /TRxCB as its input clock.
Software must determine the correct values to program
into the Receiver Timeout register and the ESCC TRxCB to
achieve the correct delay interval for timeout. These
interrupts are cleared by the FIFO reaching the trigger
point or by resetting the Timeout Interval Timer by FIFO
MPU write or PC read access.
With FIFO mode enabled, the MPU is interrupted when the
receiver FIFO is empty, corresponding to bit 5 being set
in the IUS/IP register (MPU access only). This bit
corresponds to a PC read of the receive buffer in non-FIFO
(16450) mode. The interrupt source is cleared when the
FIFO becomes non-empty or the MPU reads the IUS/IP
register.
The transmitter FIFO is 16-byte FIFO with PC write and
MPU read access (Figure 8). In FIFO mode, the PC
receives an interrupt when the transmitter becomes empty
corresponding to bit 5 being set in the LSR. This bit and the
interrupt source are cleared when the transmit FIFO
becomes non-empty or the Interrupt Identification Register
(IIR) register is read by the PC.
Figure 8. 16550 MIMIC Transmitter FIFO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com