Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 42Page - Zilog, Inc. Z8018233FSC Datasheet HTML 43Page - Zilog, Inc. Z8018233FSC Datasheet HTML 44Page - Zilog, Inc. Z8018233FSC Datasheet HTML 45Page - Zilog, Inc. Z8018233FSC Datasheet HTML 46Page - Zilog, Inc. Z8018233FSC Datasheet HTML 47Page - Zilog, Inc. Z8018233FSC Datasheet HTML 48Page - Zilog, Inc. Z8018233FSC Datasheet HTML 49Page - Zilog, Inc. Z8018233FSC Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
3-46
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
If an External Maskable Interrupt input is asserted, the CPU
responds according to the status of the Global Interrupt
Enable Flag IEF1 (determined by the ITE1 bit) and the
settings of the corresponding interrupt enable bit in the
Interrupt/Trap Control Register (ITC: I/O Address = 34H):
a.
If an interrupt source is disabled in the ITC, asserting
the corresponding interrupt input would not cause the
Z8S180 to exit STANDBY mode. This is true regardless
of the state of the Global Interrupt Enable Flag IEF1.
b. If the Global Interrupt Flag IEF1 is set to 1, and if an
interrupt source is enabled in the ITC, asserting the
corresponding interrupt input causes the Z8S180 to
exit STANDBY mode. The CPU performs an interrupt
acknowledge sequence appropriate to the input being
asserted when clocking is resumed if:
- The interrupt input follows the normal interrupt
daisy chain protocol.
- The interrupt source is active until the acknowledge
cycle is completed.
c.
If the Global Interrupt Flag IEF1 is disabled, i.e., reset
to 0, and if an interrupt source is enabled in the ITC,
asserting the corresponding interrupt input will still
cause the Z8S180 to exit STANDBY mode. The CPU
will proceed to fetch and execute instructions that
follow the SLEEP instruction when clocking is resumed.
If the External Maskable Interrupt input is not active until
clocking resumes, the Z8S180 will not exit STANDBY
mode. If the Non-Maskable Interrupt (/NMI) is not active
until clocking resumes, the Z8S180 still exits the STANDBY
mode even if the interrupt sources go away before the
timer times out, because /NMI is edge-triggered. The
condition is latched internally once /NMI is asserted Low.
IDLE Mode
IDLE mode is another power-down mode offered by the
Z8S180. To enter IDLE mode:
1. Set D6 and D3 to 0 and 1, respectively.
2. Set the I/O STOP bit (D5 of ICR,
I/O Address = 3FH) to 1.
3. Execute the SLEEP instruction.
STANDBY Mode Exit with BUS REQUEST
Optionally, if the BREXT bit (D5 of CPU Control Register)
is set to 1, the Z8S180 exits STANDBY mode when the
/BUSREQ input is asserted; the crystal oscillator is then
restarted. An internal counter automatically provides time
for the oscillator to stabilize, before the internal clocking
and the system clock output of the Z8S180 are resumed.
The Z8S180 relinquishes the system bus after the clocking
is resumed by:
- Tri-State the address outputs A19 through A0.
- Tri-State the bus control outputs /MREQ, /IORQ,
/RD and /WR.
- Asserting /BUSACK
The Z8S180 regains the system bus when /BUSREQ is
deactivated. The address outputs and the bus control
outputs are then driven High; the STANDBY mode is
exited.
If the BREXT bit of the CPU Control Register (CCR) is
cleared, asserting the /BUSREQ would not cause the
Z8S180 to exit STANDBY mode.
If STANDBY mode is exited due to a reset or an external
interrupt, the Z8S180 remains relinquished from the system
bus as long as /BUSREQ is active.
STANDBY Mode Exit with External
Interrupts
STANDBY mode can be exited by asserting input /NMI.
The STANDBY mode may also exit by asserting /INT0,
/INT1 or /INT2, depending on the conditions specified in
the following paragraphs.
/INT0 wake-up requires assertion throughout duration of
clock stabilization time (217 clocks).
If exit conditions are met, the internal counter provides
time for the crystal oscillator to stabilize, before the internal
clocking and the system clock output within the Z8S180
are resumed.
1. Exit with Non-Maskable Interrupts
If /NMI is asserted, the CPU begins a normal NMI interrupt
acknowledge sequence after clocking resumes.
2. Exit with External Maskable Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com