Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 7Page - Zilog, Inc. Z8018233FSC Datasheet HTML 8Page - Zilog, Inc. Z8018233FSC Datasheet HTML 9Page - Zilog, Inc. Z8018233FSC Datasheet HTML 10Page - Zilog, Inc. Z8018233FSC Datasheet HTML 11Page - Zilog, Inc. Z8018233FSC Datasheet HTML 12Page - Zilog, Inc. Z8018233FSC Datasheet HTML 13Page - Zilog, Inc. Z8018233FSC Datasheet HTML 14Page - Zilog, Inc. Z8018233FSC Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
3-11
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
MULTIPLEXED PIN DESCRIPTIONS
A18/T
OUT. During Reset, this pin is initialized as an A18 pin.
If either TOC1 or TOC0 bit of the Timer Control Register
(TCR) is set to 1, The T
OUT function is selected. If TOC1 and
TOC0 bits are cleared to 0, the A18 function is selected.
In normal user mode (on-chip bus master), the A18 signal
for the chip select logic is obtained from the CPU before
the external pin is muxed as A18/T
OUT. Therefore, the
selection of T
OUT will not affect the operation of the 182 chip
select logic. However, in adapter mode (off-chip bus
master), the A18 signal MUST be provided by the external
bus master.
CKA0//DREQ0. During Reset, this pin is initialized as
CKA0 pin. If either DM1 or SM1 in the DMA Mode Register
(DMODE) is set to 1, /DREQ0 function is always selected.
CKA1//TEND0. During Reset, this pin is initialized as
CKA1 pin. If CKA1D bit in the ASCI control register
Ch1(CNTLA1) is set to 1, /TEND0 function is selected. If
CKA1D bit is set to 0, CKA1 function is selected.
RxS//CTS1. During Reset, this pin is initialized as the RxS
pin. If CTS1E bit in the ASCI status register Ch1 (STAT1) is
set to 1, /CTS1 function is selected. If CTS1E bit is set to 0,
RxS function is selected. This pin is also multiplexed with
PB7 based on bit 6 in the System Configuration Register.
The pins below are triple-multiplexed based upon the
values of bit 1 and bit 2 of the System Configuration
Register. The pins are configured as Table 2 specifies. On
Reset, both bits 1 and 2 are 0, so /TEND1,TxS,CKS are
selected.
Table 2. Triple Multiplexed Pins
Bit 1
Bit 2
Master Configuration Register
0
0
/TEND1,TxS,CKS
0
1
/RTSB,/DTR//REQB,/W//REQB
1
0
/TEND1,TxS,CKS
1
1
/HRxRDY,//HTxRDY,HINTR
The pins below are multiplexed based upon the value of bit
1 of the System Configuration register. If bit 1 is 0, then the
Z80182/Z8L182 Mode 0 (non-16550 MIMIC mode) signals
are selected; if bit 1 is 1, then Z80182/Z8L182 Mode 1
(16550 MIMIC mode) signals are selected. On Reset,
Z80182/Z8L182 Mode 0 is always selected as shown in
Table 3.
Table 3. Mode 0 and Mode 1 Multiplexed Pins
Z80182/Z8L182
Z80182/Z8L182
Mode 0
Mode 1
TxDB
/HDDIS
RxDB
HA1
/TRxCB
HA0
/RTxCB
HA2
/SYNCB
/HCS
/CTSB
/HWR
/DCDB
/HRD
PA7-PA0
HD7-HD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com