Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 70 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 70 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 66Page - Zilog, Inc. Z8018233FSC Datasheet HTML 67Page - Zilog, Inc. Z8018233FSC Datasheet HTML 68Page - Zilog, Inc. Z8018233FSC Datasheet HTML 69Page - Zilog, Inc. Z8018233FSC Datasheet HTML 70Page - Zilog, Inc. Z8018233FSC Datasheet HTML 71Page - Zilog, Inc. Z8018233FSC Datasheet HTML 72Page - Zilog, Inc. Z8018233FSC Datasheet HTML 73Page - Zilog, Inc. Z8018233FSC Datasheet HTML 74Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
3-70
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC REGISTERS (Continued)
FIFO Control Register
Bit 6 and Bit 7 RCVR trigger LSB and MSB bits
This 2-bit field determines the number of available bytes in
the receiver FIFO before an interrupt to the PC occurs (see
Table 18).
Bit 4 and Bit 5
Reserved for future use (PC side). Note: From the MPU
side, bit 4 and bit 5 flags two sources of interrupts. Bit 5 is
a FIFO interrupt indicating that the FCR had changed; bit
4 is a Tx overrun interrupt, indicating transmit overrun. A
read of the FCR from the MCU side will clear a previously
set bit 4 or bit 5.
Bit 3 DMA mode select
Setting this bit to 1 will cause the MIMIC DMA mode to
change from mode 0 to mode 1 (if bit 0 is 1, FIFO mode is
enabled). This affects the DMA mode of the FIFO. A 1 in this
bit enables multi-byte DMA).
Bit 2 XMIT FIFO Reset
Setting this bit to 1 will cause the transmitter FIFO pointer
logic to be reset; any data in the FIFO will be lost. This bit
is self clearing; however a shadow bit exists that is cleared
only when read by the Z180 MPU, allowing the MPU to
monitor a FIFO reset by the PC.
Bit 1 RCVR FIFO Reset
Setting this bit to 1 will cause the receiver FIFO pointer
logic to be reset; any data in the FIFO will be lost. This bit
is self clearing, however a shadow bit exists that is cleared
only when read by the Z180 MPU, allowing the MPU to
monitor a FIFO reset by the PC.
Bit 0 FIFO Enable
The PC writes this bit to logic 1 to put the 16550 MIMIC into
FIFO mode. This bit must be 1 when writing to the other bits
in this register or they will not be programmed. When this
bit changes state, any data in the FIFO’s or transmitter
holding and Receive Buffer Registers is lost and any
pending interrupts are cleared. This feature can be forced
in a disabled state by the MPU.
Table 18. Receive Trigger Level
b7
b6
Trigger Level, Number of Bytes
00
1
01
4
10
8
11
14
0
0
000000
D7
D6
D5
D4
D3
D2
D1
D0
16550/450 RCVR Overrun
Fast Interrupt Resolution
Figure 72. MIMIC Modification Register
(Z180 MPU Write only, Address xxE9h)
Bit 7-2 Reserved. Program to zero.
Bit 1 RCVR Overrun Modification
The actual 16450/16550 device allows the last position in
FIFO to be overwritten by DCE during receiver overrun
condition. When this bit is enabled (programmed to 1) the
last position in FIFO can be overwritten by Z180 during
receiver overrun. This feature is disabled by default. When
this modification is not enabled, the MIMIC will ignore any
write to RBR during an overrun condition.
Bit 0 Fast MIMIC-ESCC Interrupt Resolution
When enabling this modification, the internal MIMIC IEO
signal into the ESCC IEI input is forced Low when the
MIMIC Interrupt line becomes active. This is required to
prevent the ESCC from putting it's vector on the databus
during an INTACK cycle (given that the MIMIC is
programmed to have higher interrupt priority).
When disabled, the internal MIMIC IEO becomes
deasserted only after an interrupt acknowledge cycle. In
this case, it is possible for the ESCC to force it's interrupt
vector onto the data bus even when the MIMIC has a
pending interrupt and is higher in priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com