Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 22 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 18Page - Zilog, Inc. Z8018233FSC Datasheet HTML 19Page - Zilog, Inc. Z8018233FSC Datasheet HTML 20Page - Zilog, Inc. Z8018233FSC Datasheet HTML 21Page - Zilog, Inc. Z8018233FSC Datasheet HTML 22Page - Zilog, Inc. Z8018233FSC Datasheet HTML 23Page - Zilog, Inc. Z8018233FSC Datasheet HTML 24Page - Zilog, Inc. Z8018233FSC Datasheet HTML 25Page - Zilog, Inc. Z8018233FSC Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
3-22
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC FIFO DESCRIPTION
The receiver FIFO consists of a 16-word FIFO capable of
storing eight data bits and three error bits for each character
stored (Figure 7). Parity error, Framing error and Break
detect bits are stored along with the data bits by copying
their value from three shadow bits that are Write Only bits
for the Z80180 MPU LSR address. The three shadow bits
are cleared after they are copied to the FIFO memory. In
FIFO mode, to write error bits into the receiver FIFO, the
MPU must first write the Parity, Framing and Break detect
status to the Line Status Register (shadow bits) and then
write the character associated into the receiver buffer. The
data and error bits will then move into the same address in
the FIFO. The error bits become available to the PC side of
the interface when that particular location becomes the
next address to read (top of FIFO). At that time, they may
either be read by the PC by accessing them in the LSR, or
they may cause an interrupt to the PC interface if so
enabled. The error bits are set by the error status of the byte
at the top of the FIFO, but may only be cleared by reading
the LSR. If successive reads of the receiver FIFO are
performed without reading the LSR, the status bits will be
set if any of the bytes read have the respective error bit set.
See Table 6 for the setting and clearing of the Line Status
Register bits.
W
R
I
T
E
B
U
F
F
E
R
16x8
Data Bits
16x3
Error
Bits
R
E
A
D
B
U
F
F
E
R
Write
Pointer
ALU
Read
Pointer
Sync
Internal Clock
MPU
CNTL
Line
PC Read
LSR
B2-B4
error
3
3
MPU Write
LSR Shadow
B2-B4
8
MPU
Databus
(MPU Side Write)
Internal Clock
MPU
IRQ
Sync
8
5
PC Side
Databus
(PC Side Read)
FIFO Control
Register
PC
IRQ
PC
Cntrl
Line
Internal Clock
MPU Side
Interface
16550
MIMIC or
PC Side
Interface
Figure 7. 16550 MIMIC Receiver FIFO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com