Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 61 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 57Page - Zilog, Inc. Z8018233FSC Datasheet HTML 58Page - Zilog, Inc. Z8018233FSC Datasheet HTML 59Page - Zilog, Inc. Z8018233FSC Datasheet HTML 60Page - Zilog, Inc. Z8018233FSC Datasheet HTML 61Page - Zilog, Inc. Z8018233FSC Datasheet HTML 62Page - Zilog, Inc. Z8018233FSC Datasheet HTML 63Page - Zilog, Inc. Z8018233FSC Datasheet HTML 64Page - Zilog, Inc. Z8018233FSC Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
3-61
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
INTERRUPT EDGE/PIN MUX REGISTER
0101110
0
D7
D6
D5
D4
D3
D2
D1
D0
Halt Recovery Select
1 16 Cycle delay on Halt recovery
0 No wait delay on Halt recovery
Low Noise Select
1 Select low noise for Z182(not Z180)
0 Select normal drive for Z182 pins
IEO,/IOCS Select
1 Select/IOCS Function
0 Select IEO Function
/MREQ, /MRD, PC2, /RTSA, /MWR Select
1 Select /MRD, /MWR
0 Select /MREQ, PC2, /RTSA
/INT1 Mode Select
0X Normal Level Detect
10 Falling (Neg) Edge Det
11 Rising (Pos) Edge Det
/INT2 Mode Select
0X Normal Level Detect
10 Falling (Neg) Edge Det
11 Rising (Pos) Edge Det
Figure 59. Interrupt Edge/Pin MUX Register
(Z180 MPU Read/Write, Address xxDFH)
Bits 7-6. These bits control the interrupt capture logic for
the external /INT2 PIN. When programmed as ‘0X’, the
/INT2 pin performs as the normal level detecting interrupt
pin. When programmed as 10 the negative edge detection
is enabled. Any falling edge latches an active Low on the
internal /INT2 of the Z180. This interrupt must be cleared by
writing a 1 to bit 7 of the Port C Data Register. Programming
these control bits to 11 enables rising edge interrupts to be
latched. The latch is cleared in the same fashion as the
falling edge.
Bits 5-4. These bits control the interrupt capture logic for
the external /INT1 PIN. When programmed as ‘0X’, the
/INT1 pin performs as the normal level detecting interrupt
pin. When programmed as 10, the negative edge detection
is enabled. Any falling edge latches an active Low on the
internal /INT1 of the Z180. This interrupt must be cleared by
writing a 1 to bit 6 of the Port C Data Register. Programming
these control bits to 11 enables rising edge interrupts to be
latched. The latch is cleared in the same fashion as the
falling edge. Edge detect logic cannot be used in Emulation
Adaptor EV mode 1.
Bit 3. Programming this bit to 1 selects the /MRD and the
/MWR functions. The default for power up and /RESET
conditions is 1, i.e., the /MRD and /MWR. By programming
this bit to 0 the /MREQ Z180 function is enabled, as well as
the PC2//RTSA function on the PC2//RTSA//MWR pin. If the
/MREQ Z180 function is enabled, any external bus master
must be prevented from asserting Z182's IRD signal unless
accessing Z182's IO.
Bit 2. This bit selects the /IOCS function which is the default
for power up and /RESET conditions. By programming this
bit to 0 the IEO function is enabled for this multiplexed pin.
Bit 1. This bit selects the low noise or normal drive feature
for the Z182 pins . The default at power up is normal drive
for Z182 pins. By programming this bit to 1, low noise for
the Z182 pins is chosen and the output drive capability of
the following pins is reduced to 25% of the original drive
capability:
- CKS
- CKA1/TEND0
- CKA0/DREQ0
- RxS/CTS1
- TxA1
- TxA0
- TxS
Programming this bit to 0 selects normal drive for the Z182
pins. Refer to the Z8S180 Product Specification for Low
noise control of Z180 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com