Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 6Page - Zilog, Inc. Z8018233FSC Datasheet HTML 7Page - Zilog, Inc. Z8018233FSC Datasheet HTML 8Page - Zilog, Inc. Z8018233FSC Datasheet HTML 9Page - Zilog, Inc. Z8018233FSC Datasheet HTML 10Page - Zilog, Inc. Z8018233FSC Datasheet HTML 11Page - Zilog, Inc. Z8018233FSC Datasheet HTML 12Page - Zilog, Inc. Z8018233FSC Datasheet HTML 13Page - Zilog, Inc. Z8018233FSC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
3-10
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
EMULATION SIGNALS
EV1, EV2.
Emulation Select (input). These two pins
determine the emulation mode of the Z180 MPU (Table 1).
Table 1. Evaluation Modes
Mode
EV2
EV1
Description
0
0
0
Normal mode, on-chip Z180 bus master
1
0
1
Emulation Adapter Mode
2
1
0
Emulator Probe Mode
3
1
1
Reserved for Test
SYSTEM CONTROL SIGNALS
ST.
Status (output, active High). This signal is used with the
/M1 and /HALT output to decode the status of the CPU
machine cycle. If unused, this pin should be pulled to V
DD.
/RESET.
Reset Signal (input, active Low). /RESET signal is
used for initializing the MPU and other devices in the
system. It must be kept in the active state for a period of at
least three system clock cycles.
IEI.
Interrupt Enable Signal (input, active High). IEI is used
with the IEO to form a priority daisy chain when there is
more than one interrupt-driven peripheral.
IEO.
Interrupt Enable Output Signal (output, active High).
In the daisy-chain interrupt control, IEO controls the interrupt
of external peripherals. IEO is active when IEI is 1 and the
CPU is not servicing an interrupt from the on-chip
peripherals. This pin is multiplexed with /IOCS on the
/IOCS/IEO pin. The /IOCS function is the default on Power
On or Reset conditions and is changed by programming
bit 2 in the Interrupt Edge/Pin MUX Register.
/IOCS.
Auxiliary Chip Select Output Signal (output, active
Low). This pin is multiplexed with /IEO on the /IOCS/IEO
pin. /IOCS is an auxiliary chip select that decodes A7, A6,
/IORQ, /M1 and effectively decodes the address space
xx80H to xxBFH for I/O transactions. A15 through A8 are
not decoded so that the chip select is active in all pages of
I/O address space. The /IOCS function is the default on the
/IOCS/IEO pin after Power On or Reset conditions and is
changed by programming bit 2 in the Interrupt Edge/Pin
MUX Register.
/RAMCS.
RAM Chip Select (output, active Low). Signal
used to access RAM based upon the Address and the
RAMLBR and RAMUBR registers and /MREQ.
/ROMCS. ROM Chip Select (output, active Low). Signal
used to access ROM based upon the address and the
ROMBR register and /MREQ.
E.
Enable Clock (output, active High). Synchronous
machine cycle clock output during bus transactions.
XTAL.
Crystal (input, active High). Crystal oscillator
connection. This pin should be left open if an external clock
is used instead of a crystal. The oscillator input is not a TTL
level (reference DC characteristics).
EXTAL.
External Clock/Crystal (input, active High). Crystal
oscillator connections to an external clock can be input to
the Z80180 on this pin when a crystal is not used. This input
is Schmitt triggered.
PHI.
System Clock (output, active High). The output is
used as a reference clock for the MPU and the external
system. The frequency of this output is reflective of the
functional speed of the processor. In clock divide-by-two
mode, the pHI frequency is half that of the crystal or input
clock. If divide-by-one mode is enabled, the PHI frequency
is equivalent to that of crystal or input frequency. The PHI
frequency is also fed to the ESCC core. If running over 20
MHz (5V) or 10 MHz (3V) the PHI-ESCC frequency divider
should be enabled to divide the PHI clock by two prior to
feeding into the ESCC core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com