Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 104 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 104 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 100Page - Zilog, Inc. Z8018233FSC Datasheet HTML 101Page - Zilog, Inc. Z8018233FSC Datasheet HTML 102Page - Zilog, Inc. Z8018233FSC Datasheet HTML 103Page - Zilog, Inc. Z8018233FSC Datasheet HTML 104Page - Zilog, Inc. Z8018233FSC Datasheet HTML 105Page - Zilog, Inc. Z8018233FSC Datasheet HTML 106Page - Zilog, Inc. Z8018233FSC Datasheet HTML 107Page - Zilog, Inc. Z8018233FSC Datasheet HTML 108Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
3-104
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC TIMING (Continued)
Table K. Interrupt Timing RCVR FIFO
Z8L182
Z80182
20 MHz
33 MHz
No.
Sym
Parameter
Min
Max
Min
Max
14
tSINT
Delay from Stop to Set
2 MPU
2 MPU
Interrupt
Clock Cycles
Clock Cycles
15
tRINT
Delay from /HRD
(RD RBR or RD LSR)
2 MPU
2 MPU
to Reset Interrupt
Clock Cycles
Clock Cycles
Note:
These AC parameter values are preliminary and are subject to change without notice.
/RD (MPU)
TxFIFO
HINTR
THRE
/WR (Host)
THR
/RD (Host)
11R
17
16
18
Figure 115. Interrupt Timing Transmitter FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com