Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 106 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 106 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 101Page - Zilog, Inc. Z8018233FSC Datasheet HTML 102Page - Zilog, Inc. Z8018233FSC Datasheet HTML 103Page - Zilog, Inc. Z8018233FSC Datasheet HTML 104Page - Zilog, Inc. Z8018233FSC Datasheet HTML 105Page - Zilog, Inc. Z8018233FSC Datasheet HTML 106Page - Zilog, Inc. Z8018233FSC Datasheet HTML 107Page - Zilog, Inc. Z8018233FSC Datasheet HTML 108Page - Zilog, Inc. Z8018233FSC Datasheet HTML 109Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
3-106
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
16550 MIMIC TIMING (Continued)
Table M. RCVR FIFO Bytes Other Than First
Z8L182
Z80182
20 MHz
33 MHz
No
Sym
Parameter
Min
Max
Min
Max
Units
19
tRXi
Delay from /HRD
290
290
ns
RBR to /HRxRDY Inactive
20
TWxi
Delay from Write to
125
125
/HTxRDY Inactive
21
tSXa
Delay From Start to
3 MPU
3 MPU
/HTxRDY Active
Clock Cycles
Clock Cycles
Clock Generator
The Z80182/Z8L182 ZIP™ uses the Z182 MPUs on-chip
clock generator to supply system clock. The required
clock is easily generated by connection a crystal to the
external terminals (XTAL,EXTAL). The clock output runs at
half the crystal frequency for X2 mode.
Recommended characteristics of the crystal and the values
for the capacitor are as follows (the values will change with
crystal frequency).
Type of crystal:
Fundamental, parallel type crystal
(AT cut is recommended).
Frequency tolerance:
Application dependent.
CL, Load capacitance:
Approximately 22 pF
(acceptable range is 20-30 pF).
RS, equivalent-series resistance:
≤ 60 Ohms
C
IN=COUT=15~22 pF.
For PHI > 15 MHz (X2 Mode), it is recommended that an
oscillator be used as input to EXTAL.
XTAL
EXTAL
Crystal
Inputs
C1
C2
Note:
These AC parameter values are preliminary and are subject to change without notice.
Figure 117. Circuit Configuration For Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com