Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8018233FSC Datasheet(PDF) 105 Page - Zilog, Inc.

Part # Z8018233FSC
Description  ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018233FSC Datasheet(HTML) 105 Page - Zilog, Inc.

Back Button Z8018233FSC Datasheet HTML 101Page - Zilog, Inc. Z8018233FSC Datasheet HTML 102Page - Zilog, Inc. Z8018233FSC Datasheet HTML 103Page - Zilog, Inc. Z8018233FSC Datasheet HTML 104Page - Zilog, Inc. Z8018233FSC Datasheet HTML 105Page - Zilog, Inc. Z8018233FSC Datasheet HTML 106Page - Zilog, Inc. Z8018233FSC Datasheet HTML 107Page - Zilog, Inc. Z8018233FSC Datasheet HTML 108Page - Zilog, Inc. Z8018233FSC Datasheet HTML 109Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 105 / 109 page
background image
3-105
Z80182/Z8L182
ZILOG INTELLIGENT PERIPHERAL
PRELIMINARY
Zilog
DS971820600
Table L. Interrupt Timing Transmitter FIFO
Z8L182
Z80182
20 MHz
33 MHz
No.
Sym
Parameter
Min
Max
Min
Max
16
tHR
Delay from /WR
2.5 MPU
2.5 MPU
(WR THR) to Reset
Clock Cycles
Clock Cycles
Interrupt
17
TSTI
Delay from Stop to
2 MPU
2 MPU
Interrupt (THRE)
Clock Cycles
Clock Cycles
18
TIR
Delay from /RD
75
75
(RD IIR) to Reset
Interrupt (THRIE)
/HRD
RD_RBR
/WR (MPU) RCVR
FIFO (First Byte
that reaches
Trigger Level)
/HRXRDY
/HWR
(Host)
THR
19
14
20
RD (MPU)
THR (Last
Byte Model)
/HTxRDY
21
Note: If FCR0-1
TSINT=3 CPU
Clock Cycles
Figure 116 RCVR FIFO Bytes Other Than First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com