Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 17Page - Microchip Technology USB3370 Datasheet HTML 18Page - Microchip Technology USB3370 Datasheet HTML 19Page - Microchip Technology USB3370 Datasheet HTML 20Page - Microchip Technology USB3370 Datasheet HTML 21Page - Microchip Technology USB3370 Datasheet HTML 22Page - Microchip Technology USB3370 Datasheet HTML 23Page - Microchip Technology USB3370 Datasheet HTML 24Page - Microchip Technology USB3370 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 21
USB3370
5.5.2
REFCLK AMPLITUDE
The reference clock should be connected to the REFCLK pin as shown in the application diagrams, Figure 8-1. The
REFCLK
pin is designed to be driven with a square wave from 0V to VDDIO, but can be driven with a square wave from
0V to as high as 3.6V. The USB3370 uses only the positive edge of the REFCLK.
If a digital reference is not available, the REFCLK pin can be driven by an analog sine wave that is AC coupled into the
REFCLK
pin. If using an analog clock the DC bias should be set at the mid-point of the VDD18 supply using a bias
circuit as shown in Figure 5-4. The amplitude must be greater than 300mV peak to peak. The component values pro-
vided in Figure 5-4 are for example only. The actual values should be selected to satisfy system requirements.
The REFCLK amplitude must comply with the signal amplitudes shown in Table 4-4 and the duty cycle in Table 4-2.
5.5.3
REFCLK JITTER
The USB3370 is tolerant to jitter on the reference clock. The REFCLK jitter should be limited to a peak to peak jitter of
less than 1nS over a 10uS time interval. If this level of jitter is exceeded when configured for either ULPI Clock Input
Mode or ULPI Clock Output Mode, the USB3370 High Speed eye diagram may be degraded.
The frequency accuracy of the REFCLK must meet the +/- 500ppm requirement as shown in Table 4-2.
FIGURE 5-3:
CONFIGURING THE USB3370 FOR ULPI CLOCK OUTPUT MODE
FIGURE 5-4:
EXAMPLE OF CIRCUIT USED TO SHIFT A REFERENCE CLOCK COMMON-
MODE VOLTAGE LEVEL
CLKOUT
REFCLK
PHY
From PLL
Clock
Source
To PLL
Link
ULPI Clk In
Clock
0.1uF
1.8V Supply
To REFCLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com