Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 6Page - Microchip Technology USB3370 Datasheet HTML 7Page - Microchip Technology USB3370 Datasheet HTML 8Page - Microchip Technology USB3370 Datasheet HTML 9Page - Microchip Technology USB3370 Datasheet HTML 10Page - Microchip Technology USB3370 Datasheet HTML 11Page - Microchip Technology USB3370 Datasheet HTML 12Page - Microchip Technology USB3370 Datasheet HTML 13Page - Microchip Technology USB3370 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
USB3370
DS00001915B-page 10
 2012 - 2015 Microchip Technology Inc.
4.0
ELECTRICAL CHARACTERISTICS
The following conditions are assumed unless otherwise specified:
VDD33 = 3.0 to 3.6V; VDD18 = 1.6 to 2.0V; VSS = 0V; TA = -40C to +85C
4.1
Operating Current
Note 4-1
ClockSuspendM
bit = 0.
Note 4-2
SessEnd, VbusVld, and IdFloat comparators disabled. STP Interface protection disabled.
Note 4-3
REFCLK is OFF
4.2
Clock Specifications
The model number for each frequency of REFCLK is provided in Product Identification System on page 73.
Note 1:
TSTART and TPREP are measured from the time when REFCLK and RESETB are both valid to when the
USB3370 de-asserts DIR.
2:
The USB3370 uses the AutoResume feature, Section 6.4.1.4, to allow a host start-up time of less than 1ms.
Note 4-4
REFCLK with oscillator Input
Note 4-5
Crystal Input
TABLE 4-1:
OPERATING CURRENT
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Synchronous Mode Current
(Default Configuration)
IVBAT(SYNC)
USB Idle
24
27
29
mA
IVIO(SYNC)
23
7
mA
Synchronous Mode Current
(HS USB operation)
IVBAT(HS)
Active USB Transfer
33
35
37
mA
IVIO(HS)
56
14
mA
Synchronous Mode Current
(FS/LS USB operation)
IVBAT(FS)
Active USB Transfer
25
28.5
30
mA
IVIO(FS)
45
13
mA
Serial Mode Current
(FS/LS USB)
Note 4-1
IVBAT(FS_S)
78
9
mA
IVIO(FS_S)
00.1
0.7
mA
USB UART Current
Note 4-1
IVBAT(UART)
78
9
mA
IVIO(UART)
00.1
0.7
mA
Low Power Mode
Note 4-2
Note 4-3
IVBAT(SUSPEND)
VVBAT = 4.2V
VVDDIO = 1.8V
29
32
83
uA
IVIO(SUSPEND)
00
2
uA
RESET Mode
Note 4-3
IVBAT(RSTB)
RESETB
= 0
VVBAT = 4.2V
VVDDIO = 1.8V
0.1
1
12
uA
IVIO(RSTB)
00
7
uA
TABLE 4-2:
CLOCK SPECIFICATIONS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Suspend Recovery Time
TSTART
LPM Enable = 0
1.0
1.1
1.32
ms
TSTART_LPM
LPM Enable = 1
125
150
uS
PHY Preparation Time
60MHz REFCLK
TPREP
LPM Enable = 0
1.0
1.1
1.32
ms
TPREP_LPM
LPM Enable = 1
125
150
uS
CLKOUT
Duty Cycle
DCCLKOUT
ULPI Clock Input Mode
45
55
%
REFCLK
Duty Cycle
DCREFCLK
20
80
%
REFCLK
Frequency Accuracy
FREFCLK
-500
+500
PPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com