Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 5 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 5 Page - Microchip Technology

  USB3370 Datasheet HTML 1Page - Microchip Technology USB3370 Datasheet HTML 2Page - Microchip Technology USB3370 Datasheet HTML 3Page - Microchip Technology USB3370 Datasheet HTML 4Page - Microchip Technology USB3370 Datasheet HTML 5Page - Microchip Technology USB3370 Datasheet HTML 6Page - Microchip Technology USB3370 Datasheet HTML 7Page - Microchip Technology USB3370 Datasheet HTML 8Page - Microchip Technology USB3370 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 5
USB3370
The USB3370 includes an integrated 3.3V LDO regulator that is used to generate 3.3V from power applied to the VBAT
pin. The voltage on the VBAT pin can range from 3.0 to 5.5V. The regulator dropout voltage is less than 100mV which
allows the PHY to continue USB signaling when the voltage on VBAT drops to 3.0V. The USB transceiver will continue
to operate at lower voltages, although some parameters may be outside the limits of the USB specifications. The VBAT
and VDD33 pins should never be connected together.
In USB UART mode, the USB3370 DP and DM pins are redefined to enable pass-through of asynchronous serial data.
The USB3370 will enter UART mode when programmed, as described in Section 6.7.1.
1.1
Reference Documents
UTMI+ Low Pin Interface (ULPI) Specification, Rev. 1.1
Universal Serial Bus Specification, Revision 2.0
On-The-Go Supplement to the USB2.0 Specification, Rev. 1.3
On-The-Go Supplement to the USB2.0 Specification, Rev. 2.0
USB Battery Charging Specification, Rev. 1.1
FIGURE 1-1:
BLOCK DIAGRAM USB3370
OTG
Hi-Speed
USB
Transceiver
ULPI
Interface
ULPI
Registers
and State
Machine
BIAS
Low Jitter
Integrated
PLL
Integrated
Power
Management
VBUS
ID
DP
DM
RBIAS
DATA[7:0]
RESETB
VDD18
VDD33
VBAT
DIR
NXT
STP
CLKOUT
OVP
VDDIO
CPEN_N
BC 1.1
EXTVBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com