Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 26Page - Microchip Technology USB3370 Datasheet HTML 27Page - Microchip Technology USB3370 Datasheet HTML 28Page - Microchip Technology USB3370 Datasheet HTML 29Page - Microchip Technology USB3370 Datasheet HTML 30Page - Microchip Technology USB3370 Datasheet HTML 31Page - Microchip Technology USB3370 Datasheet HTML 32Page - Microchip Technology USB3370 Datasheet HTML 33Page - Microchip Technology USB3370 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
USB3370
DS00001915B-page 30
2012 - 2015 Microchip Technology Inc.
5.8
USB UART Support
The USB3370 provides support for the USB UART interface as detailed in the ULPI specification and the former CEA-
936A specification. The USB3370 can be placed in UART Mode using the method described in Section 6.7, and the
regulator output will automatically switch to the value configured by the UART RegOutput bits in the USB IO & Power
Management register. While in UART mode, the Linestate signals cannot be monitored on the DATA[0] and DATA[1]
pins.
5.9
USB Charger Detection Support
The following blocks allow the USB3370 to detect when a Battery Charger, Charging Host Port, or a USB Host is
attached to the USB connector. The USB3370 can also be configured to appear as a Charging Host Port, all according
to the USB-IF Battery Charging 1.1 specification. The charger detection circuitry should be disabled during USB oper-
ation.
The charger detection circuitry runs from the VDD33 supply and requires that the VDD33 supply to be present to run
the charger detection circuitry. The VDD33 supply is present anytime the RESETB pin is pulled high and VBAT is pres-
ent. The charger detection circuits are fully functional while in Low Power Mode (Suspendm = 0). The status of the Vdat-
Det
can be relayed back to the Link through the ULPI interrupts in both Synchronous mode and Low Power Mode.
FIGURE 5-10:
USB CHARGER DETECTION BLOCK DIAGRAM
Note:
The italic names in the Figure 5-10 correspond to bits in the ULPI register set.
V DAT_REF
DP
VDD33
PHY
To USB Con.
C hargerP u llupE nD P
en
DM
To USB Con.
C h argerPu llupE nD M
ID a tSinkEn
Ho stCh rg E n
V datD e t
VD atS rcE n
IDAT_SINK
en
V DAT_SRC
C ontactD etectE n
IDP_SRC
en
D p Pulldow n
D m P u lldow n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com