Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 3Page - Microchip Technology USB3370 Datasheet HTML 4Page - Microchip Technology USB3370 Datasheet HTML 5Page - Microchip Technology USB3370 Datasheet HTML 6Page - Microchip Technology USB3370 Datasheet HTML 7Page - Microchip Technology USB3370 Datasheet HTML 8Page - Microchip Technology USB3370 Datasheet HTML 9Page - Microchip Technology USB3370 Datasheet HTML 10Page - Microchip Technology USB3370 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 7
USB3370
28
DATA[3]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
26
DATA[4]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
6
EXTVBUS
Input, CMOS
High
External Vbus Detect. Connect to fault output of an
external USB power switch or an external Vbus Valid
comparator. See Section 5.7.5, "External Vbus
Indicator," on page 29 for details. This pin has a pull
down resistor to prevent it from floating when the ULPI
bit UseExternalVbusIndicator is set to 0.
25
DATA[5]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
24
DATA[6]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
9
10
29
NC
N/A
N/A
No connect. Leave pin floating.
23
DATA[7]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[7] is the MSB.
12
CPEN_N
Output,
Open Drain
Low
External 5 volt supply enable. This pin is used to
enable the external Vbus power supply. The CPEN_N
pin is tri-stated on POR.
5DP
I/O,
Analog
N/A
D+ pin of the USB cable.
4DM
I/O,
Analog
N/A
D- pin of the USB cable.
14
VDD33
Power
N/A
3.3V Regulator Output. A 1.0uF (<1 ohm ESR) bypass
capacitor to ground is required for regulator stability.
The bypass capacitor should be placed as close as
possible to the USB3370.
11
VBAT
Power
N/A
Regulator input. The regulator supply can be from
5.5V to 3.0V.
13
VBUS
I/O,
Analog
N/A
This pin is used for the VBUS comparator inputs and
for VBUS pulsing during session request protocol. An
external resistor, RVBUS, is required between this pin
and the USB connector.
7ID
Input,
Analog
N/A
For device applications the ID pin is connected to
VDD33
. For Host applications ID is grounded. For
OTG applications the ID pin is connected to the USB
connector.
3
RBIAS
Analog,
CMOS
N/A
Bias Resistor pin. This pin requires an 10kΩ (±1%)
resistor to ground, placed as close as possible to the
USB3370. Nominal voltage during ULPI operation is
0.8V.
16
XO
Output,
Analog
N/A
Crystal pin. If using an external clock on XI this pin
should be floated.
15
REFCLK
Input,
CMOS
N/A
ULPI Clock Out Mode:
Reference clock or XI (crystal in) pin.
ULPI Clock In Mode:
60MHz ULPI clock input.
TABLE 2-1:
USB3370 PIN DESCRIPTIONS (CONTINUED)
Pin
Name
Direction/
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com