Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 56 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 52Page - Microchip Technology USB3370 Datasheet HTML 53Page - Microchip Technology USB3370 Datasheet HTML 54Page - Microchip Technology USB3370 Datasheet HTML 55Page - Microchip Technology USB3370 Datasheet HTML 56Page - Microchip Technology USB3370 Datasheet HTML 57Page - Microchip Technology USB3370 Datasheet HTML 58Page - Microchip Technology USB3370 Datasheet HTML 59Page - Microchip Technology USB3370 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
USB3370
DS00001915B-page 56
2012 - 2015 Microchip Technology Inc.
7.1.1.12
Debug
Address = 15h (read only)
7.1.1.13
Scratch Register
Address = 16-18h (read), 16h (write), 17h (set), 18h (clear)
7.1.2
CARKIT CONTROL REGISTERS
The following registers are used to set-up and enable the USB UART functions.
7.1.2.1
Carkit Control
Address = 19-1Bh (read), 19h (write), 1Ah (set), 1Bh (clear)
This register is used to program the USB3370 into and out of the Carkit Mode. When entering the UART mode the Link
must first set the desired TxdEn and the RxdEn bits and then transition to Carkit Mode by setting the CarkitMode bit in
the Interface Control Register. When RxdEn is not set then the DATA[1] pin is held to a logic high.
7.1.2.2
Carkit Interrupt Enable
Address = 1D-1Fh (read), 1Dh (write), 1Eh (set), 1Fh (clear)
Field Name
Bit
Access
Default
Description
Linestate[1:0]
1:0
rd
00b
Contains the current value of Linestate[1:0].
Reserved
7:2
rd
000000b
Read only, 0.
Field Name
Bit
Access
Default
Description
Scratch
7:0
rd/w/s/c
00h
Empty register byte for testing purposes. Software can
read, write, set, and clear this register and the PHY
functionality will not be affected.
Field Name
Bit
Access
Default
Description
CarkitPwr
0
rd
0b
Read only, 0.
IdGndDrv
1
rd/w/s/c
0b
Drives ID pin to ground
TxdEn
2
rd/w/s/c
0b
Connects UART TXD (DATA[0]) to DM
RxdEn
3
rd/w/s/c
0b
Connects UART RXD (DATA[1]) to DP
Reserved
4
rd/w/s/c
0b
Reserved
5
rd/w/s/c
0b
Reserved
6
rd/w/s/c
0b
CarkitDataMC
7
rd/w/s/c
0b
When set the UPLI DATA[2] pin is changed from a
driven 0 to tri-state, when carkit mode is entered.
Field Name
Bit
Access
Default
Description
IdFloatRise
0
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from non-floating to floating. The IdPullup bit in the
OTG Control register should be set.
IdFloatFall
1
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the ID pin transitions
from floating to non-floating. The IdPullup bit in the
OTG Control register should be set.
VdatDetIntEn
2
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when the VDAT_DET
Comparator changes state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com