Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 59 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 59 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 55Page - Microchip Technology USB3370 Datasheet HTML 56Page - Microchip Technology USB3370 Datasheet HTML 57Page - Microchip Technology USB3370 Datasheet HTML 58Page - Microchip Technology USB3370 Datasheet HTML 59Page - Microchip Technology USB3370 Datasheet HTML 60Page - Microchip Technology USB3370 Datasheet HTML 61Page - Microchip Technology USB3370 Datasheet HTML 62Page - Microchip Technology USB3370 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 59
USB3370
7.1.3.2
USB-IF Charger Detection
Address = 32h (read / write)
7.1.3.3
Vendor Rid Conversion
Address = 36-38h (read), 36h (write), 37h (set), 38h (clear)
Field Name
Bit
Access
Default
Description
VDatSrcEn
0rd/w
0
VDAT_SRC voltage enable
0b: Disabled
1b: Enabled
IDatSinkEn
1rd/w
0
IDAT_SINK current sink and VDAT_DET comparator
enable
0b: Disabled, VDAT_DET = 0.
1b: Enabled
ContactDetectEn
2rd/w
0
IDP_SRC Enable
0b: Disabled
1b: Enabled
HostChrgEn
3
rd/w
0
Enable Charging Host Port Mode.
0b: Portable Device
1b: Charging Host Port. When the charging host port
bit is set the connections of VDAT_SRC, IDAT_SINK,
IDP_SRC, and VDAT_DET are reversed between DP and
DM
.
VdatDet
4rd
0
VDAT_DET Comparator output. IdatSinkEn must be set
to 1 to enable the comparator.
0b: No voltage is detected on DP or Linestate[1:0] is
not equal to 00b.
1b: Voltage detected on DP, and Linestate[1:0] = 00b.
Note:
VdatDet
can also be read from the Carkit
Interrupt Status register described in
Section 7.1.2.3.
Reserved
5-7
rd
Read only, 0.
Note:
The charger detection should be turned off before beginning USB operation. USB-IF Charger Detection
Bits 2:0 should be set to 000b.
Field Name
Bit
Access
Default
Description
RidValue
2:0
rd/w
000b
Conversion value of Rid resistor
000: 0 ohms
001: 75 ohms
010: 100K ohms
011: 200K ohms
100: 440K ohms
101: ID floating
111: Error
Note:
RidValue
can also be read from the Carkit
Interrupt Status Register.
RidConversionDone
3rd (Note 7-
4)
0b
Automatically asserted by the USB3370 when the Rid
Conversion is finished. The conversion will take
282uS. This bit will auto clear when the RidValue is
read from the Rid Conversion Register. Reading the
RidValue
from the Carkit Interrupt Status Register will
not clear either RidConversionDone status bit.
Note:
RidConversionDone
can also be read from
the Carkit Interrupt Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com