Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 4 Page - Microchip Technology

  USB3370 Datasheet HTML 1Page - Microchip Technology USB3370 Datasheet HTML 2Page - Microchip Technology USB3370 Datasheet HTML 3Page - Microchip Technology USB3370 Datasheet HTML 4Page - Microchip Technology USB3370 Datasheet HTML 5Page - Microchip Technology USB3370 Datasheet HTML 6Page - Microchip Technology USB3370 Datasheet HTML 7Page - Microchip Technology USB3370 Datasheet HTML 8Page - Microchip Technology USB3370 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
USB3370
DS00001915B-page 4
 2012 - 2015 Microchip Technology Inc.
1.0
INTRODUCTION
Microchip’s USB3370 is a family of Hi-Speed USB 2.0 Transceivers that provide a physical layer (PHY) solution well-
suited for portable electronic devices. Both commercial and industrial temperature applications are supported.
Several advanced features make the USB3370 the transceiver of choice by reducing both eBOM part count and printed
circuit board (PCB) area. Outstanding ESD robustness eliminates the need for external ESD protection devices in typ-
ical applications. The internal Over-Voltage Protection circuit (OVP) protects the USB3370 from voltages up to 30V on
the VBUS pin. By using a reference clock from the Link, the USB3370 removes the cost of a dedicated crystal reference
from the design. The USB3370 includes integrated 3.3V and 1.8V regulators, making it possible to operate the device
from a single power supply.
The USB3370 is optimized for use in portable applications where a low operating current and standby currents are
essential. The USB3370 operates from a single supply and includes integrated regulators for its supplies. The USB3370
also supports the USB Link Power Management protocol (LPM) to further reduce USB operating currents.
The USB3370 also includes family is enabled with Microchip's RapidCharge AnywhereTM which supports USB-IF Bat-
tery Charging 1.1 for any portable device. RapidCharge AnywhereTM provides three times the charging current through
a USB port over traditional solutions which translate up to 1.5Amps via compatible USB host or dedicated charger. In
addition, this provides a complete USB charging ecosystem between device and host ports such as Dedicated Charging
Port (DCP), Charging (CDP) and Standard (SDP) Downstream Ports. Section 5.9 describes this is further detail.
The USB3370 meets all of the electrical requirements for a Hi-Speed USB Host, Device, or an On-the-Go (OTG) trans-
ceiver. In addition to the supporting USB signaling, the USB3370 also provides USB UART mode.
USB3370 uses the industry standard UTMI+ Low Pin Interface (ULPI) to connect the USB transceiver to the Link. ULPI
uses a method of in-band signaling and status byte transfers between the Link and PHY to facilitate a USB session with
only twelve pins.
The USB3370 uses Microchip’s “wrapper-less” technology to implement the ULPI interface. This “wrapper-less” tech-
nology allows the PHY to achieve a low latency transmit and receive time. Microchip’s low latency transceiver allows an
existing UTMI Link to be reused by adding a UTMI to ULPI bridge. By adding a bridge to the ASIC the existing and
proven UTMI Link IP can be reused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com