Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 27Page - Microchip Technology USB3370 Datasheet HTML 28Page - Microchip Technology USB3370 Datasheet HTML 29Page - Microchip Technology USB3370 Datasheet HTML 30Page - Microchip Technology USB3370 Datasheet HTML 31Page - Microchip Technology USB3370 Datasheet HTML 32Page - Microchip Technology USB3370 Datasheet HTML 33Page - Microchip Technology USB3370 Datasheet HTML 34Page - Microchip Technology USB3370 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 31
USB3370
5.9.1
ACTIVE ANALOG CHARGER DETECTION (USB-IF BATTERY CHARGING 1.1)
The USB3370 includes the active analog charger detection specified in the USB-IF Battery Charging Specification. The
additional analog circuitry will allow the USB3370 to:
1.
Detect a Dedicated Charging Port (DCP) with the DP and DM pins shorted together.
2.
Detect a Standard Downstream Port (SDP) which has no battery charging circuitry.
3.
Detect a Charging Downstream Port (CDP) which actively supplies voltage to the DM pin when connected to a
USB-IF BC 1.1 compatible device.
4.
Behave as a Charging Downstream Port by enabling the voltage source on the DM pin.
The charger detection circuitry is shown in Figure 5-10.
The VdatDet output is qualified with the Linestate[1:0] value. If the Linestate is not equal to 00 the VdatDet signal will
not assert.
The proper detection process flows through different modes of detection and uses the linestate and VdatDet signals
values to determine the connection. Table 5-7 describes the bit values that need to be set to enter each mode.
5.9.1.1
Example Charger Detection Flow - Dedicated Charging Port
The USB-IF Battery Charging 1.1 specification describes in detail the flow for each charger type, but below is an exam-
ple of the flow used to detect a Dedicated Charger (DCP).
1.
Device detects VBUS voltage is present from RXCMD, (SESS_VLD is 1)
2.
Device enters the Device Connect Detect mode.
- If the linestate still equals 10 after a specified timeout, the charger is an unknown charger and there will be no
attempted USB enumeration.
- If the linestate equals 00 or 11, the device will go to the next mode:
3.
Device enters Device Charger Detection mode.
- If the VdatDet bit is 0 then the host is a Standard Downstream Port (SDP) and the device will draw the stan-
dard 500mA of current and enter the Device USB Operation mode.
- If the VdatDet bit is 1 then the host is a charger that can supply at least 1.5A of current, the device will go to
the next mode.
4.
Device enters Device Enhanced Charger Detection mode.
- If the VdatDet bit is 0 then the device is connected to a Charging Downstream Port (CDP) and the device will
enter the Device USB Operation mode.
- If the VdatDet bit is 1 then the device is connected to a Dedicated Charging Port (DCP) and the device will not
try to enumerate.
5.
The charger detection is complete.
TABLE 5-7:
USB CHARGER SETTING VS. MODES
Charger Detection Modes
Device Connect Detect
(The Connect Detect setting in Table 5-1 must be followed)
00
1001
Device Charger Detection
1
1
0000
Device Enhanced Charger Detection
1
1
0100
Device USB Operation
0
0
0000
Charging Host Port, no charging device attached and SE0
(VdatDet = 0)
01
0111
Charging Host Port, charging device attached (VdatDet = 1)
11
0111
Charging Host Port USB Operation
0
0
0111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com