Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 31Page - Microchip Technology USB3370 Datasheet HTML 32Page - Microchip Technology USB3370 Datasheet HTML 33Page - Microchip Technology USB3370 Datasheet HTML 34Page - Microchip Technology USB3370 Datasheet HTML 35Page - Microchip Technology USB3370 Datasheet HTML 36Page - Microchip Technology USB3370 Datasheet HTML 37Page - Microchip Technology USB3370 Datasheet HTML 38Page - Microchip Technology USB3370 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 35
USB3370
6.1.2
ULPI INTERFACE TIMING IN SYNCHRONOUS MODE
The control and data timing relationships are given in Figure 6-2 and Table 4-3. All timing is relative to the rising clock
edge of the 60MHz ULPI Clock.
6.2
ULPI Register Access
The following section details the steps required to access registers through the ULPI interface. At any time DIR is low
the Link may access the ULPI registers set using the Transmit Command byte. The ULPI registers retain their contents
when the PHY is in Low Power Mode, Full Speed/Low Speed Serial Mode, or Carkit Mode.
6.2.1
TRANSMIT COMMAND BYTE (TX CMD)
A command from the Link begins a ULPI transfer from the Link to the USB3370. Before reading a ULPI register, the Link
must wait until DIR is low, and then send a Transmit Command Byte (TX CMD) byte. The TX CMD byte informs the
USB3370 of the type of data being sent. The TX CMD is followed by a data transfer to or from the USB3370. Table 6-2
gives the TX command byte (TX CMD) encoding for the USB3370. The upper two bits of the TX CMD instruct the PHY
as to what type of packet the Link is transmitting.
FIGURE 6-2:
ULPI SINGLE DATA RATE TIMING DIAGRAM IN SYNCHRONOUS MODE
TABLE 6-2:
ULPI TX CMD BYTE ENCODING
Command Name
CMD Bits[7:6]
CMD Bits[5:0]
Command Description
Idle
00b
000000b
ULPI Idle
Transmit
01b
000000b
USB Transmit Packet with No Packet Identifier (NOPID)
00XXXXb
USB Transmit Packet Identifier (PID) where DATA[3:0]
is equal to the 4-bit PID. P3P2P1P0 where P3 is the
MSB.
Register Write
10b
XXXXXXb
Immediate Register Write Command where: DATA[5:0]
= 6-bit register address
101111b
Extended Register Write Command where the 8-bit
register address is available on the next cycle.
60MHz ULPI -
CLK
Control In -
STP
Data In -
DATA[7:0]
Control Out -
DIR, NXT
Data Out -
DATA[7:0]
TSC
TSD
THC
THD
TDC
TDC
TDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com