Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 24Page - Microchip Technology USB3370 Datasheet HTML 25Page - Microchip Technology USB3370 Datasheet HTML 26Page - Microchip Technology USB3370 Datasheet HTML 27Page - Microchip Technology USB3370 Datasheet HTML 28Page - Microchip Technology USB3370 Datasheet HTML 29Page - Microchip Technology USB3370 Datasheet HTML 30Page - Microchip Technology USB3370 Datasheet HTML 31Page - Microchip Technology USB3370 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
USB3370
DS00001915B-page 28
2012 - 2015 Microchip Technology Inc.
5.7.3.3
VBUS Input Impedance
The OTG Supplement requires an A-Device that supports Session Request Protocol to have a VBUS input impedance
less than 100kΩ and greater the 40kΩ to ground. The USB3370 provides a 75kΩ resistance to ground, RVB. The RVB
resistor tolerance is detailed in Table 4-8.
5.7.3.4
VBUS Over Voltage Protection (OVP)
The USB3370 provides an integrated over voltage protection circuit to protect the VBUS pin from excessive voltages
that may be present at the USB connector. The over voltage protection circuit works with an external resistor (RVBUS)
by drawing current across the resistor to reduce the voltage at the VBUS pin.
When voltage at the VBUS pin exceeds 5.5V, the Over voltage Protection block will sink current to ground until VBUS
is below 5.5V. The current drops the excess voltage across RVBUS and protects the USB3370 VBUS pin. The required
RVBUS value is dependent on the operating mode of the USB3370 as shown in Table 5-5.
The Over voltage Protection circuit is designed to protect the USB3370 from continuous voltages up to 30V on the
RVBUS resistor.
The RVBUS resistor must be sized to handle the power dissipated across the resistor. The resistor power can be found
using the equation below:
For example, protecting a peripheral or device only application to 15V would require a 20kΩ RVBUS resistor with a power
rating of 0.05W. To protect an OTG product to 15V would require a 1kΩ RVBUS resistor with a power rating of 0.1W.
5.7.4
DRIVING EXTERNAL VBUS
The USB3370 monitors VBUS as described in VBUS Monitoring and VBUS Pulsing. For OTG and Host applications,
the system is required to source 5 Volts on VBUS. The USB3370 fully supports VBUS power control using an external
VBUS switch. The USB3370 provides an open drain active low control signal, CPEN_N, that is dedicated to controlling
the VBUS supply when configured as an A-Device.
CPEN_N
is driven by setting the DrvVbus or DrvVbusExternal bit of the OTG Control register. To be compatible with
Link designs that support both internal and external VBUS supplies, the DrvVbus and DrvVbusExternal bits in the OTG
Control Register are NOR’d together. This enables the Link to set either bit to access the external VBUS enable
(CPEN_N). This logic is shown in Figure 5-9. DrvVbus and DrvVbusExternal are set to 0 on Power On Reset (POR) as
shown in Section 7.1.1.7.
TABLE 5-5:
REQUIRED RVBUS RESISTOR VALUE
Operating Mode
RVBUS
Device only
20kΩ ±5%
OTG Host Capable of less than 100mA of
current on VBUS
1kΩ ±5%
Host or OTG Host capable of >100mA
UseExternalVbusIndicator = 1
20kΩ ±5%
P
RVBUS
Vprotect
5.0
–
()
2
R
VBUS
--------------------------------------------
=
Where:
• Vprotect is the VBUS protection required.
•RVBUS is the resistor value, 1kΩ or 20kΩ.
•PRVBUS is the required power rating of RVBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com