Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 55 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 51Page - Microchip Technology USB3370 Datasheet HTML 52Page - Microchip Technology USB3370 Datasheet HTML 53Page - Microchip Technology USB3370 Datasheet HTML 54Page - Microchip Technology USB3370 Datasheet HTML 55Page - Microchip Technology USB3370 Datasheet HTML 56Page - Microchip Technology USB3370 Datasheet HTML 57Page - Microchip Technology USB3370 Datasheet HTML 58Page - Microchip Technology USB3370 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 55
USB3370
7.1.1.10
USB Interrupt Status
Address = 13h (read only)
This register dynamically updates to reflect current status of interrupt sources.
7.1.1.11
USB Interrupt Latch
Address = 14h (read only with auto clear)
Note 7-2
rd: Read Only with auto clear.
IdGnd Fall
4
rd/w/s/c
1b
Generate an interrupt event notification when IdGnd
changes from high to low.
Reserved
7:5
rd
0h
Read only, 0.
Field Name
Bit
Access
Default
Description
HostDisconnect
0
rd
(read only)
0b
Current value of the UTMI+ HS Hostdisconnect output.
Applicable only in host mode.
VbusValid
1
0b
Current value of the UTMI+ Vbusvalid output. If
VbusValid Rise
and VbusValid Fall are set this register
will read 0.
SessValid
2
0b
Current value of the UTMI+ SessValid output. This
register will always read the current status of the
Session Valid comparator regardless of the SessValid
Rise
and SessValid Fall settings.
SessEnd
3
0b
Current value of the UTMI+ SessEnd output. If
SessEnd Rise
and SessEnd Fall are set this register
will read 0.
IdGnd
4
0b
Current value of the UTMI+ IdGnd output.
Reserved
7:5
0h
Read only, 0.
Note:
The default value is only valid after POR. When the register is read it will match the current status of the
comparators at the moment the register is read.
Field Name
Bit
Access
Default
Description
HostDisconnect Latch
0
rd
(Note 7-2)
0b
Set to 1b by the PHY when an unmasked event occurs
on Hostdisconnect. Cleared when this register is read.
Applicable only in host mode.
VbusValid Latch
1
0b
Set to 1b by the PHY when an unmasked event occurs
on VbusValid. Cleared when this register is read.
SessValid Latch
2
0b
Set to 1b by the PHY when an unmasked event occurs
on SessValid. Cleared when this register is read.
SessEnd Latch
3
0b
Set to 1b by the PHY when an unmasked event occurs
on SessEnd. Cleared when this register is read.
IdGnd Latch
4
0b
Set to 1b by the PHY when an unmasked event occurs
on IdGnd. Cleared when this register is read.
Reserved
7:5
rd
0h
Read only, 0.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com