Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 11Page - Microchip Technology USB3370 Datasheet HTML 12Page - Microchip Technology USB3370 Datasheet HTML 13Page - Microchip Technology USB3370 Datasheet HTML 14Page - Microchip Technology USB3370 Datasheet HTML 15Page - Microchip Technology USB3370 Datasheet HTML 16Page - Microchip Technology USB3370 Datasheet HTML 17Page - Microchip Technology USB3370 Datasheet HTML 18Page - Microchip Technology USB3370 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 15
USB3370
4.10
Regulator Output Voltages and Capacitor Requirement
4.11
Piezoelectric Resonator for Internal Oscillator
The internal oscillator may be used with an external quartz crystal or ceramic resonator as described in Section 5.4. See
Table 4-11 for the recommended crystal specifications.
Note 4-11
The required bit rate accuracy for Hi-Speed USB applications is ±500 ppm as provided in the USB
2.0 Specification. This takes into account the effect of voltage, temperature, aging, etc.
Note 4-12
This number includes the pad, the bond wire and the lead frame. Printed Circuit Board (PCB)
capacitance is not included in this value. The PCB capacitance value and the capacitance value of
the XO and REFCLK pins are required to accurately calculate the value of the two external load
capacitors.
Note 4-13
Refer to Section 5.4 and Figure 8-1 for more information.
TABLE 4-10:
REGULATOR OUTPUT VOLTAGES AND CAPACITOR REQUIREMENT
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Regulator Output Voltage
VDD33
5.5V > VBAT > 3.0V
2.8
3.3
3.6
V
USB UART Mode & UART
RegOutput[1:0] = 01
6V > VBAT > 3.0V
2.7
3.0
3.3
V
USB UART Mode & UART
RegOutput[1:0] = 10
6V > VBAT > 3.0V
2.47
2.75
3.03
V
USB UART Mode & UART
RegOutput[1:0] = 11
6V > VBAT > 3.0V
2.25
2.5
2.75
V
Regulator Bypass Capacitor
COUT33
1.0
uF
Bypass Capacitor ESR
CESR33
1
Ω
Regulator Output Voltage
VDD18
3.6V > VDD33 > 2.25V
1.6
1.8
2.0
V
Regulator Bypass Capacitor
COUT18
1.0
uF
Bypass Capacitor ESR
CESR18
1
Ω
TABLE 4-11:
USB3370 QUARTZ CRYSTAL SPECIFICATIONS
Parameter
Symbol
MIN
NOM
MAX
Units
Notes
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-See Product
Identification
System on
page 73
-MHz
Total Allowable PPM Budget
-
-
±500
PPM
Note 4-11
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
0.1
-
-
mW
Equivalent Series Resistance
R1
--
30
Ohm
USB3370 REFCLK Pin
Capacitance
-3 typ-
pF
Note 4-12
USB3370 XO Pin Capacitance
-
3 typ
-
pF
Note 4-12
Recommended Resistance
between XI and XO
1M
-
-
Ohm
Note 4-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com