Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 44Page - Microchip Technology USB3370 Datasheet HTML 45Page - Microchip Technology USB3370 Datasheet HTML 46Page - Microchip Technology USB3370 Datasheet HTML 47Page - Microchip Technology USB3370 Datasheet HTML 48Page - Microchip Technology USB3370 Datasheet HTML 49Page - Microchip Technology USB3370 Datasheet HTML 50Page - Microchip Technology USB3370 Datasheet HTML 51Page - Microchip Technology USB3370 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
USB3370
DS00001915B-page 48
2012 - 2015 Microchip Technology Inc.
In serial mode, interrupts are possible from unmasked sources. The state of each interrupt source is sampled prior to
the assertion of DIR and this is compared against the asynchronous level from interrupt source.
Exiting the serial modes is the same as exiting Low Power Mode. The Link must assert STP to signal the PHY to exit
serial mode. When the PHY can accept a command, DIR is de-asserted and the PHY will wait until the Link de-asserts
STP
to resume synchronous ULPI operation. The RESETB pin can also be pulsed low to reset the USB3370 and return
it to Synchronous Mode.
6.6.1
3-PIN FS/LS SERIAL MODE
Three pin serial mode utilizes the data bus pins for the serial functions shown in Table 6-8.
6.6.2
6-PIN FS/LS SERIAL MODE
Six pin serial mode utilizes the data bus pins for the serial functions shown in Table 6-9.
6.7
Carkit Mode
The USB3370 includes Carkit Mode to support a USB UART Mode.
By entering Carkit Mode, the USB3370 current drain is minimized. The internal PLL is disabled and the 60MHz ULPI
CLKOUT
will be stopped to conserve power by default. The Link may configure the 60MHz clock to continue by setting
the ClockSuspendM bit of the Interface Control register before entering Carkit Mode. If set, the 60 MHz clock will con-
tinue during the Carkit Mode of operation.
In Carkit Mode, interrupts are possible if they have been enabled in the Carkit Interrupt Enable register. The state of
each interrupt source is sampled prior to the assertion of DIR and this is compared against the asynchronous level from
interrupt source. In Carkit Mode, the Linestate signals are not available per the ULPI specification.
The ULPI interface is redefined to the following when Carkit Mode is entered.
TABLE 6-8:
PIN DEFINITIONS IN 3 PIN SERIAL MODE
Signal
Connected To
Direction
Description
tx_enable
DATA[0]
IN
Active High transmit enable.
data
DATA[1]
I/O
TX differential data on DP/DM when tx_enable is high.
RX differential data from DP/DM when tx_enable is low.
SE0
DATA[2]
I/O
TX SE0 on DP/DM when tx_enable is high.
RX SE0_b from DP/DM when tx_enable is low.
interrupt
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
Reserved
DATA[7:4]
OUT
Driven Low.
TABLE 6-9:
PIN DEFINITIONS IN 6 PIN SERIAL MODE
Signal
Connected To
Direction
Description
tx_enable
DATA[0]
IN
Active High transmit enable.
tx_data
DATA[1]
IN
Tx differential data on DP/DM when tx_enable is high.
tx_se0
DATA[2]
IN
Tx SE0 on DP/DM when tx_enable is high.
interrupt
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
rx_dp
DATA[4]
OUT
Single ended receive data on DP.
rx_dm
DATA[5]
OUT
Single ended receive data on DM.
rx_rcv
DATA[6]
OUT
Differential receive data from DP and DM.
Reserved
DATA[7]
OUT
Driven Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com