Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 18Page - Microchip Technology USB3370 Datasheet HTML 19Page - Microchip Technology USB3370 Datasheet HTML 20Page - Microchip Technology USB3370 Datasheet HTML 21Page - Microchip Technology USB3370 Datasheet HTML 22Page - Microchip Technology USB3370 Datasheet HTML 23Page - Microchip Technology USB3370 Datasheet HTML 24Page - Microchip Technology USB3370 Datasheet HTML 25Page - Microchip Technology USB3370 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
USB3370
DS00001915B-page 22
 2012 - 2015 Microchip Technology Inc.
5.5.4
REFCLK ENABLE/DISABLE
The REFCLK should be enabled when the RESETB pin is brought high. The ULPI interface will start running after the
time specified in Table 4-2. If the reference clock enable is delayed relative to the RESETB pin, the ULPI interface will
start operation delayed by the same amount. The reference clock can be run at anytime the RESETB pin is low without
causing the USB3370 to start-up or draw current.
When the USB3370 is placed in Low Power Mode or Carkit Mode, the reference clock can be stopped after the final
ULPI register write is complete. The STP pin is asserted to bring the USB3370 out of Low Power Mode. The reference
clock should be started at the same time STP is asserted to minimize the USB3370 start-up time.
If the reference clock is stopped while in ULPI Synchronous mode the PLL will come out of lock and the frequency of
oscillation will decrease to the minimum allowed by the PLL design. If the reference clock is stopped during a USB ses-
sion, the session may drop.
5.6
Internal Regulators and POR
The USB3370 includes integrated power management functions, including a Low-Dropout regulator that can be used
to generate the 3.3V USB supply, an integrated 1.8V regulator, and a POR generator described in Section 5.6.2.
5.6.1
INTEGRATED LOW DROPOUT REGULATORS
The USB3370 includes two integrated linear regulators. Power sourced at the VBAT pin is regulated to 3.3V and 1.8V
output on the VDD33 and VDD18 pins. To ensure stability, both regulators require an external bypass capacitor as spec-
ified in Table 4-10 placed as close to the pin as possible.
The USB3370 regulators are designed to generate the 3.3 Volt and 1.8 Volt supplies for the USB3370 only. Using the
regulators to provide current for other circuits is not recommended and Microchip does not guarantee USB performance
or regulator stability.
During USB UART mode the 3.3V regulator output voltage can be changed to allow the USB3370 to work with UARTs
operating at different operating voltages. The 3.3V regulator output is configured to the voltages shown in Table 4-10
with the UART RegOutput[1:0] bits in the USB IO & Power Management register.
The regulators are enabled by the RESETB pin. When RESETB pin is low both regulators are disabled and the regulator
outputs are pulled low by weak pull-down. The RESETB pin must be brought high to enable the regulators.
For peripheral-only or host-only bus-powered applications, the input to VBAT may be derived from the VBUS pin of the
USB connector. In this configuration, the supply must be capable of withstanding any transient voltage present at the
VBUS pin of the USB connector. Microchip does not recommend connecting the VBAT pin to the VBUS terminal of the
USB connector.
5.6.2
POWER ON RESET (POR)
The USB3370 provides a POR circuit that generates an internal reset pulse after the VDD18 supply is stable. After the
internal POR goes high the USB3370 will release from reset and begin normal ULPI operation as described in
Section 5.6.4.
The ULPI registers will power up in their default state summarized in Table 7-1 when the 1.8V supply comes up. Cycling
the RESETB pin can also be used to reset the ULPI registers to their default state (and reset all internal state machines)
by bringing the pin low for a minimum of 1 microsecond and then high. It is not necessary to wait for the VDD33 and
VDD18
pins to discharge to 0 volts to reset the part.
The RESETB pin must be pulled high to enable the 3.3V and 1.8V regulators. A pull-down resistor is not present on the
RESETB
pin and therefore the system should drive the RESETB pin to the desired state at all times. If the system does
not need to place the USB3370 into reset mode the RESETB pin can be connected to a supply between 1.8V and 3.3V.
5.6.3
RECOMMENDED POWER SUPPLY SEQUENCE
For USB operation, the USB3370 requires a valid voltage on the VBAT and VDDIO pins. The VDD33 and VDD18 reg-
ulators are automatically enabled when the RESETB pin is brought high. For the USB3343, Table 5-2 presents the
power supply configurations in more detail.
The RESETB pin can be held low until the VBAT supply is stable. If the Link is not ready to interface the USB3370, the
Link may choose to hold the RESETB pin low until it is ready to control the ULPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com