Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 19Page - Microchip Technology USB3370 Datasheet HTML 20Page - Microchip Technology USB3370 Datasheet HTML 21Page - Microchip Technology USB3370 Datasheet HTML 22Page - Microchip Technology USB3370 Datasheet HTML 23Page - Microchip Technology USB3370 Datasheet HTML 24Page - Microchip Technology USB3370 Datasheet HTML 25Page - Microchip Technology USB3370 Datasheet HTML 26Page - Microchip Technology USB3370 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 23
USB3370
Note 5-3
VDDIO
must be present for ULPI pins to tri-state.
5.6.4
START-UP
The power on default state of the USB3370 is ULPI Synchronous mode. The USB3370 requires the following conditions
to begin operation: the power supplies must be stable, the REFCLK must be present and the RESETB pin must be high.
After these conditions are met, the USB3370 will begin ULPI operation that is described in Section 6.0.
Figure 5-5 below shows a timing diagram to illustrate the start-up of the USB3370. At T0, the supplies are stable and
the USB3370 is held in reset mode. At T1, the Link drives RESETB high after the REFCLK has started. The RESETB
pin may be brought high asynchronously to REFCLK. Once, the 3.3V and 1.8V internal supplies become stable the
USB3370 will apply the 15Kohm pull downs to the data bus and assert DIR until the internal PLL has locked. After the
PLL has locked, the USB3370 will check that the Link has de-asserted STP and at T2 it will de-assert DIR and begin
ULPI operation.
The ULPI bus will be available as shown in Figure 5-5 in the time defined as TSTART given in Table 4-2. If the REFCLK
signal starts after the RESETB pin is brought high, then time T0 will begin when REFCLK starts. TSTART also assumes
that the Link has de-asserted STP. If the Link has held STP high the USB3370 will hold DIR high until STP is de-
asserted. When the LINK de-asserts STP, it must be ready drive the ULPI data bus to idle (00h) for a minimum of one
clock cycle after DIR de-asserts.
TABLE 5-2:
OPERATING MODE VS. POWER SUPPLY CONFIGURATION
VBAT
VDDIO
RESETB
Operating Modes Available
0
0
0
Powered Off
1
X
0
RESET Mode. (Note 5-3)
1
1
1
Full USB operation as described in Section 6.0.
FIGURE 5-5:
ULPI START-UP TIMING
DIR
RESETB
STP
TSTART
REFCLK
T1
T2
T0
SUPPLIES
STABLE
PHY Drives Idle
DATA[7:0]
REFCLK valid
PHY Tri-States
PHY Tri-States
PHY Drives High
LINK Drives Low
RXCMD
IDLE
IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com