Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 9Page - Microchip Technology USB3370 Datasheet HTML 10Page - Microchip Technology USB3370 Datasheet HTML 11Page - Microchip Technology USB3370 Datasheet HTML 12Page - Microchip Technology USB3370 Datasheet HTML 13Page - Microchip Technology USB3370 Datasheet HTML 14Page - Microchip Technology USB3370 Datasheet HTML 15Page - Microchip Technology USB3370 Datasheet HTML 16Page - Microchip Technology USB3370 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 13
USB3370
Note 4-7
The resistor value follows the 27% Resistor ECN published by the USB-IF.
Note 4-8
The values shown are valid when the USB RegOutput bits in the USB IO & Power Management
register are set to the default value.
Note 4-9
An automatic waiver up to 200mV is granted to accommodate system-level elements such as
measurement/test fixtures, captive cables, EMI components, and ESD suppression. This parameter
can be tuned using VariSense technology, as defined in Section 7.1.3.1 of Section 7.0, "ULPI Register
Map".
4.6
Dynamic Characteristics: Analog I/O Pins
Leakage Current
OFF-State Leakage Current
ILZ
±10
uA
Port Capacitance
Transceiver Input Capacitance CIN
Pin to GND
5
10
pF
TABLE 4-6:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
FS Output Driver Timing
FS Rise Time
TFR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
FS Fall Time
TFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first transition
from IDLE state
1.3
2.0
V
Differential Rise/Fall Time
Matching
TFRFM
Excluding the first transition
from IDLE state
90
111.1
%
LS Output Driver Timing
LS Rise Time
TLR
CL = 50-600pF;
10 to 90% of
|VOH - VOL|
75
300
ns
LS Fall Time
TLF
CL = 50-600pF;
10 to 90% of
|VOH - VOL|
75
300
ns
Differential Rise/Fall Time
Matching
TLRFM
Excluding the first transition
from IDLE state
80
125
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template 1
in USB 2.0 specification
High Speed Mode Timing
Receiver Waveform
Requirements
Eye pattern of Template 4
in USB 2.0 specification
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
TABLE 4-5:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com