Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 49 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 49 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 45Page - Microchip Technology USB3370 Datasheet HTML 46Page - Microchip Technology USB3370 Datasheet HTML 47Page - Microchip Technology USB3370 Datasheet HTML 48Page - Microchip Technology USB3370 Datasheet HTML 49Page - Microchip Technology USB3370 Datasheet HTML 50Page - Microchip Technology USB3370 Datasheet HTML 51Page - Microchip Technology USB3370 Datasheet HTML 52Page - Microchip Technology USB3370 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 49
USB3370
Exiting Carkit Mode is the same as exiting Low Power Mode as described in Section 6.5.2. The Link must assert STP
to signal the PHY to exit serial mode. When the PHY can accept a command, DIR is de-asserted and the PHY will wait
until the Link de-asserts STP to resume synchronous ULPI operation. The RESETB pin can also be pulsed low to reset
the USB3370 and return it to Synchronous Mode.
6.7.1
ENTERING USB UART MODE
The USB3370 can be placed into UART Mode by first setting the TxdEn and RxdEn bits in the Carkit Control register.
Then the Link can set the CarkitMode bit in the Interface Control register. The TxdEn and RxdEn bits must be written
before the CarkitMode bit.
After the CarkitMode bit is set, the ULPI interface will become redefined as described in Table 6-10, and the USB3370
will transmit data through the DATA[0] to DM of the USB connector and receive data on DP and pass the information
the Link on DATA[1].
When entering UART mode, the regulator output will automatically switch to the value configured by the UART RegOut-
put bits in the
USB IO & Power Management register and the RCD pull-up resistors will be applied internally to DP and
DM
. This will hold the UART in its default operating state.
While in UART mode, the transmit edge rates can be set to either the Full Speed USB or Low Speed USB edge rates
by using the XcvrSelect[1:0] bits in the Function Control register.
6.8
RID Converter Operation
The RID converter is designed to read the value of the ID resistance to ground and report back its value through the
ULPI interface.
When a resistor to ground is applied to the ID pin the state of the IdGnd comparator will change from a 1 to a 0 as
described in Section 5.7.1. If the USB3370 is in ULPI mode, an RXCMD will be generated with bit 6 low. If the USB3370
is in Low Power Mode (or one of the other non-ULPI modes), the DATA[3] interrupt signal will go high.
After the USB3370 has detected the change of state on the ID pin, the RID converter can be used to determine the value
of ID resistance. To start a ID resistance measurement, the RidConversionStart bit is set in the Vendor Rid Conversion
register.
TABLE 6-10:
PIN DEFINITIONS IN CARKIT MODE
Signal
Connected To
Direction
Description
txd
DATA[0]
IN
UART TXD signal that is routed to the DM pin if the TxdEn
is set in the Carkit Control register.
rxd
DATA[1]
OUT
UART RXD signal that is routed to the DP pin if the RxdEn
bit is set in the Carkit Control register.
reserved
DATA[2]
OUT
Driven Low (CarkitDataMC = 0, default)
IN
Tri-state (CarkitDataMC = 1)
int
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high.
reserved
DATA[4:7]
OUT
Driven Low.
TABLE 6-11:
ULPI REGISTER PROGRAMMING EXAMPLE TO ENTER UART MODE
R/W
Address
(HEX)
Value
(HEX)
Description
Result
W
04
49
Configure Non-Driving mode
Select FS transmit edge rates
OpMode
=01
XcvrSelect
=01
W
39
00
Set regulator to 3.3V
UART RegOutput
=00
W
19
0C
Enable UART connections
RxdEn
=1
TxdEn
=1
W
07
04
Enable carkit mode
CarkitMode
=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com