Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 14Page - Microchip Technology USB3370 Datasheet HTML 15Page - Microchip Technology USB3370 Datasheet HTML 16Page - Microchip Technology USB3370 Datasheet HTML 17Page - Microchip Technology USB3370 Datasheet HTML 18Page - Microchip Technology USB3370 Datasheet HTML 19Page - Microchip Technology USB3370 Datasheet HTML 20Page - Microchip Technology USB3370 Datasheet HTML 21Page - Microchip Technology USB3370 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
USB3370
DS00001915B-page 18
 2012 - 2015 Microchip Technology Inc.
5.2.2
TERMINATION RESISTORS
The USB3370 transceiver fully integrates all of the USB termination resistors on both DP and DM. This includes 1.5kΩ
pull-up resistors, 15kΩ pull-down resistors and the 45Ω High Speed termination resistors. These resistors require no
tuning or trimming by the Link. The state of the resistors is determined by the operating mode of the transceiver when
operating in synchronous mode.
The XcvrSelect[1:0], TermSelect and OpMode[1:0] bits in the Function Control register, and the DpPulldown and
DmPulldown
bits in the OTG Control register control the configuration of the termination resistors. All possible valid
resistor combinations are shown in Table 5-1, and operation is ensured in only the configurations shown. If a ULPI Reg-
ister Setting is configured that does not match a setting in the table, the transceiver operation is not guaranteed and the
settings in the last row of Table 5-1 will be used.
• RPU_DP_EN activates the 1.5kΩ DP pull-up resistor
• RPU_DM_EN activates the 1.5kΩ DM pull-up resistor
• RPD_DP_EN activates the 15kΩ DP pull-down resistor
• RPD_DM_EN activates the 15kΩ DM pull-down resistor
• HSTERM_EN activates the 45Ω DP and DM High Speed termination resistors
TABLE 5-1:
DP/DM TERMINATION VS. SIGNALING MODE
Signaling Mode
ULPI Register Settings
USB3370 Termination Resistor
Settings
General Settings
Tri-State Drivers, Note 5-1
XXb
Xb
01b
Xb
Xb
0b0b0b0b0b
Power-up or VBUS < VSESSEND
01b
0b
00b1b
1b
0b0b1b1b0b
Host Settings
Host Chirp
00b
0b
10b1b
1b
0b0b1b1b1b
Host High Speed
00b
0b
00b
1b
1b
0b
0b
1b
1b
1b
Host Full Speed
X1b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Suspend
01b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Resume
01b
1b
10b1b
1b
0b0b1b1b0b
Host Low Speed
10b
1b
00b
1b
1b
0b
0b
1b
1b
0b
Host LS Suspend
10b
1b
00b
1b
1b
0b
0b
1b
1b
0b
Host LS Resume
10b
1b
10b1b
1b
0b0b1b1b0b
Host Test J/Test_K
00b
0b
10b1b
1b
0b0b1b1b1b
Peripheral Settings
Peripheral Chirp
00b
1b
10b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS
00b
0b
00b
0b
0b
0b
0b
0b
0b
1b
Peripheral FS
01b
1b
00b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Suspend
01b
1b
00b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Resume
01b
1b
10b
0b
0b
1b
0b
0b
0b
0b
Peripheral LS
10b
1b
00b
0b
0b
0b
1b
0b
0b
0b
Peripheral LS Suspend
10b
1b
00b
0b
0b
0b
1b
0b
0b
0b
Peripheral LS Resume
10b
1b
10b
0b
0b
0b
1b
0b
0b
0b
Peripheral Test J/Test K
00b
0b
10b
0b
0b
0b
0b
0b
0b
1b
OTG device, Peripheral Chirp
00b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS
00b
0b
00b
0b
1b
0b
0b
0b
1b
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com