Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 25Page - Microchip Technology USB3370 Datasheet HTML 26Page - Microchip Technology USB3370 Datasheet HTML 27Page - Microchip Technology USB3370 Datasheet HTML 28Page - Microchip Technology USB3370 Datasheet HTML 29Page - Microchip Technology USB3370 Datasheet HTML 30Page - Microchip Technology USB3370 Datasheet HTML 31Page - Microchip Technology USB3370 Datasheet HTML 32Page - Microchip Technology USB3370 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 29
USB3370
5.7.5
EXTERNAL VBUS INDICATOR
The USB3370 has fully implemented the External VBUS detection described in the ULPI 1.1 specification. The block
diagram of the External VBUS detection is shown in Figure 5-8 and in Table 5-4.
Note 5-5
Microchip does not recommend using the ExternalVbus signal qualified with the internal VbusVld
comparator.
Note 5-6
A peripheral should not use VbusVld to begin operation. The peripheral should use SessVld because
the internal VbusVld threshold can be above the Vbus voltage required for USB peripheral operation.
A host PHY may use an active high or low fault by setting the IndicatorComplement bit [5] in the Interface Control reg-
ister. Also this implementation supports the IndicatorPassThru bit [6] in the Interface Control register, which allows a
choice of having the External Vbus input qualified (and’ed) with the external vbus comparator output. To use the External
Vbus Input the UseExternalVbusIndicator bit [7] must be set in the OTG control register. The default is not to use this
input.
The EXTVBUS pin has a built in pull down resistor that is controlled by the UseExternalVbusIndicator bit [7] of the OTG
control register. When UseExternalVbusIndicator is set to 0 (default) the pull down resistor is activated to prevent the
pin from floating when it is unused. When UseExternalVbusIndicator is set to 1 the pull down resistor is disconnected.
FIGURE 5-9:
USB3370 DRIVES CONTROL SIGNAL (CPEN_N) TO EXTERNAL VBUS SWITCH
TABLE 5-6:
EXTERNAL VBUS INDICATOR LOGIC
Typical
Application
Use External
VBUS Indicator
Indicator Pass
Thru
Indicator
Complement
RXCMD VBUS Valid
Encoding Source
OTG Device
0
X
X
Internal VbusVld comparator (Default)
1
1
0
External active high VbusVld signal
1
1
1
External active low VbusVld signal
1
0
0
External active high power fault signal
qualified with internal VbusVld comparator.
(Note 5-5)
1
0
1
External active low power fault signal
qualified with internal VbusVld comparator.
(Note 5-5)
Standard Host
1
1
0
External active high power fault signal
1
1
1
External active low power fault signal
Standard
Peripheral
0
X
X
Internal VbusVld comparator. This should
not be used by the Link. (Note 5-6)
VBUS
Switch
OUT
EN
IN
5V
USB Transceiver
VBUS
USB
Connector
DM
DP
VBUS
RVBUS
CPEN_N
Link
Controller
CPEN_N Logic
DrvVbusExternal
DrvVbus
DM
DP
ULPI
+5V
VBUS
Supply
RPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com