Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 15Page - Microchip Technology USB3370 Datasheet HTML 16Page - Microchip Technology USB3370 Datasheet HTML 17Page - Microchip Technology USB3370 Datasheet HTML 18Page - Microchip Technology USB3370 Datasheet HTML 19Page - Microchip Technology USB3370 Datasheet HTML 20Page - Microchip Technology USB3370 Datasheet HTML 21Page - Microchip Technology USB3370 Datasheet HTML 22Page - Microchip Technology USB3370 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 19
USB3370
Note 1:
This is equivalent to Table 40, Section 4.4 of the ULPI 1.1 specification.
2:
USB3370 does not support operation as an upstream hub port. See Section 6.4.1.3.
Note 5-1
When RESETB = 0 The HS termination will tri-state the USB drivers
Note 5-2
The transceiver operation is not guaranteed in a combination that is not defined.
The USB3370 uses the 27% resistor ECN resistor tolerances. The resistor values are shown in Table 4-5.
5.3
Bias Generator
This block consists of an internal bandgap reference circuit used for generating the driver current and the biasing of the
analog circuits. This block requires an external 10K
Ω, 1% tolerance, reference resistor connected from RBIAS to
ground. This resistor should be placed as close as possible to the USB3370 to minimize the trace length. The nominal
voltage at RBIAS is 0.8V +/- 10% and therefore the resistor will dissipate approximately 80
μW of power.
5.4
Crystal Reference Support
The USB3370 provides support for a crystal to provide the reference frequency required by the device in place of a clock
oscillator. The crystal should be connected to the REFCLK/XI and XO pins. If a clock oscillator is used in place of a
crystal, it should be driven into the REFCLK/XI pin, and the XO pin should be left floating. Proper care should be taken
to ensure that a crystal is selected with appropriate power dissipation characteristics.
5.5
Integrated Low Jitter PLL
The USB3370 uses an integrated low jitter phase locked loop (PLL) to provide a clean 480MHz clock required for HS
USB signal quality. This clock is used by the PHY during both transmit and receive. The USB3370 PLL requires an accu-
rate frequency reference to be driven on the REFCLK pin.
5.5.1
REFCLK FREQUENCY SELECTION
The USB3370 PLL is designed to operate in one of two reference clock modes. In the first mode, the 60MHz ULPI clock
is driven on the REFCLK pin. In the second mode a reference clock is driven on the REFCLK pin. The Link is driving
the ULPI clock, in the first mode, and this is referred to as ULPI Clock Input Mode. In the second mode, the USB3370
generates the ULPI clock, and this is referred to as ULPI Clock Output Mode.
During start-up, the USB3370 monitors the CLKOUT pin. If a connection to VDDIO is detected, the USB3370 is config-
ured for a 60MHz ULPI reference clock driven on the REFCLK pin. Section 5.5.1.1 and Section 5.5.1.2 describe how
to configure the USB3370 for either ULPI Clock Input Mode or ULPI Clock Output Mode.
OTG device, Peripheral FS
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Suspend
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Resume
01b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral Test J/Test K
00b
0b
10b
0b
1b
0b
0b
0b
1b
1b
Charger Detection
Connect Detect
01b
0b
00b0b
1b
0b0b0b1b0b
Any combination not defined above, Note 5-
2
0b
0b
1b
1b
0b
TABLE 5-1:
DP/DM TERMINATION VS. SIGNALING MODE (CONTINUED)
Signaling Mode
ULPI Register Settings
USB3370 Termination Resistor
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com