Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 71 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 71 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 67Page - Microchip Technology USB3370 Datasheet HTML 68Page - Microchip Technology USB3370 Datasheet HTML 69Page - Microchip Technology USB3370 Datasheet HTML 70Page - Microchip Technology USB3370 Datasheet HTML 71Page - Microchip Technology USB3370 Datasheet HTML 72Page - Microchip Technology USB3370 Datasheet HTML 73Page - Microchip Technology USB3370 Datasheet HTML 74Page - Microchip Technology USB3370 Datasheet HTML 75Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 71
USB3370
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
CUSTOMER REVISION HISTORY
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
DS00001915B (05-12-15)
Document Features
Added to External Reference Clock operation
bullet: “19.2MHz Reference Clock” needed
Product Identification
System page
“192MHz” changed to “19.2MHz”
DS00001915A (04-06-15)
Replaces previous SMSC version Rev. 1.0 (10-08-12)
Rev. 1.0 (10-08-12)
Initial data sheet release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com