Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 20Page - Microchip Technology USB3370 Datasheet HTML 21Page - Microchip Technology USB3370 Datasheet HTML 22Page - Microchip Technology USB3370 Datasheet HTML 23Page - Microchip Technology USB3370 Datasheet HTML 24Page - Microchip Technology USB3370 Datasheet HTML 25Page - Microchip Technology USB3370 Datasheet HTML 26Page - Microchip Technology USB3370 Datasheet HTML 27Page - Microchip Technology USB3370 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
USB3370
DS00001915B-page 24
 2012 - 2015 Microchip Technology Inc.
5.7
USB On-The-Go (OTG)
The USB3370 provides support for the USB OTG protocol. OTG allows the USB3370 to be dynamically configured as
a host or peripheral depending on the type of cable inserted into the Micro-AB receptacle. When the Micro-A plug of a
cable is inserted into the Micro-AB receptacle, the USB device becomes the A-device. When a Micro-B plug is inserted,
the device becomes the B-device. The OTG A-device behaves similar to a Host while the B-device behaves similar to
a peripheral. The differences are covered in the “On-The-Go Supplement to the USB 2.0 Specification”. In applications
where only USB Host or USB Peripheral is required, the OTG Module is unused.
5.7.1
ID RESISTOR DETECTION
The ID pin of the USB connector is monitored by the ID pin of the USB3370 to detect the attachment of different types
of USB devices and cables. For device only applications that do not use the ID signal the ID pin should be connected
to VDD33. The block diagram of the ID detection circuitry is shown in Figure 5-6 and the related parameters are given
in Table 4-8.
5.7.1.1
USB OTG Operation
The USB3370 can detect ID grounded and ID floating to determine if an A or B cable has been inserted. The A plug will
ground the ID pin while the B plug will float the ID pin. These are the only two valid states allowed in the OTG Protocol.
To monitor the status of the ID pin, the Link activates the IdPullup bit in the OTG Control register, waits 50mS and then
reads the status of the IdGnd bit in the USB Interrupt Status register. If an A cable has been inserted the IdGnd bit will
read 0. If a B cable is inserted, the ID pin is floating and the IdGnd bit will read 1.
The USB3370 provides an integrated weak pull-up resistor on the ID pin, RIDW. This resistor is present to keep the ID
pin in a known state when the IdPullup bit is disabled and the ID pin is floated. In addition to keeping the ID pin in a
known state, it enables the USB3370 to generate an interrupt to inform the link when a cable with a resistor to ground
has been attached to the ID pin. The weak pull-up is small enough that the largest valid RID resistor pulls the ID pin low
and causes the IdGnd comparator to go low.
After the link has detected an ID pin state change, the RID converter can be used to determine the resistor value as
described in Section 5.7.1.2.
FIGURE 5-6:
USB3370 ID RESISTOR DETECTION CIRCUITRY
IdPullup
IdGnd
Vref IdGnd
IdFloat
ID
OTG Module
VDD33
To USB Con.
RidValue
Vref IdFloat
IdGnd Rise
or
IdGnd Fall
IdFloatRise
or
IdFloatFall
Rid ADC
IdGndDrv
en
en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com