Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 23Page - Microchip Technology USB3370 Datasheet HTML 24Page - Microchip Technology USB3370 Datasheet HTML 25Page - Microchip Technology USB3370 Datasheet HTML 26Page - Microchip Technology USB3370 Datasheet HTML 27Page - Microchip Technology USB3370 Datasheet HTML 28Page - Microchip Technology USB3370 Datasheet HTML 29Page - Microchip Technology USB3370 Datasheet HTML 30Page - Microchip Technology USB3370 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 27
USB3370
5.7.3
SESSVLD COMPARATOR
The SessVld comparator is used when the PHY is configured as both an A and B device. When configured as an A
device, the SessVld is used to detect Session Request protocol (SRP). When configured as a B device, SessVld is used
to detect the presence of VBUS. The SessVld comparator output can also be read from the USB Interrupt Status regis-
ter. The SessVld comparator will also generate an RX CMD, as detailed in Section 6.3.1, anytime the comparator
changes state. The SessVld interrupts can be disabled by clearing this bit in both the USB Interrupt Enable Rising and
USB Interrupt Enable Falling registers. When the interrupts are disabled, the SessVld comparator is still operational and
will generate RX CMD’s. The SessVld comparator trip point is detailed in Table 4-8.
5.7.3.1
VbusVld Comparator
The VbusVld comparator is only used when the USB3370 is configured as a host that can supply less than 100mA
VBUS current. In the USB protocol, the A-device supplies the VBUS voltage and is responsible to ensure it remains
within a specified voltage range. The VbusVld comparator can be disabled by clearing this bit in both the USB Interrupt
Enable Rising and USB Interrupt Enable Falling registers. When disabled, bit 1 of the USB Interrupt Status register will
return a 0. The VbusVld comparator threshold values are detailed in Table 4-8.
If the USB3370 is used as a Device only the VbusValid Comparator should be disabled, using the method described
above.
The USB3370 includes the external VbusVld indicator logic as detailed in the ULPI Specification. The external VbusVld
indicator is tied to a logic one. The decoding of this logic is shown in Table 5-4 below. By default this logic is disabled.
Note 5-4
A peripheral should not use VbusVld to begin operation. The peripheral should use SessVld to detect
the presence of VBUS on the USB connector. VbusVld should only be used for USB Host and OTG
A-device applications.
5.7.3.2
VBUS Pulsing with Pull-up and Pull-down Resistors
In addition to the internal VBUS comparators, the USB3370 also includes the integrated VBUS pull-up and pull-down
resistors used for VBUS Pulsing during OTG Session Request Protocol. To discharge the VBUS voltage so that a Ses-
sion Request can begin, the USB3370 provides a pull-down resistor from VBUS to GND. This resistor is controlled by
the DischargeVbus bit 3 of the OTG Control register. The pull-up resistor is connected between VBUS and VDD33. This
resistor is used to pull VBUS above 2.1 volts so that the A-Device knows that a USB session has been requested. The
state of the pull-up resistor is controlled by the bit 4 ChargeVbus of the OTG Control register. The Pull-Up and Pull-Down
resistor values are detailed in Table 4-8.
The internal VBUS Pull-up and Pull-down resistors are designed to include the RVBUS external resistor in series. This
external resistor is used by the VBUS Over voltage protection described below.
Note:
The OTG Supplement specifies a voltage range for A-Device Session Valid and B-Device Session Valid
comparator. The USB3370 PHY combines the two comparators into one and uses the narrower threshold
range.
TABLE 5-4:
EXTERNAL VBUS INDICATOR LOGIC
Typical
Application
Use External
VBUS Indicator
Indicator Pass
Thru
Indicator
Complement
RXCMD VBUS Valid
Encoding Source
OTG Device
0
X
X
Internal VbusVld comparator (Default)
1
1
0
Fixed 1
1
1
1
Fixed 0
1
0
0
Internal VbusVld comparator.
1
0
1
Fixed 0
Standard Host
1
1
0
Fixed 1
1
1
1
Fixed 0
Standard
Peripheral
0
X
X
Internal VbusVld comparator. This
information should not be used by the Link.
(Note 5-4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com