Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 6 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 2Page - Microchip Technology USB3370 Datasheet HTML 3Page - Microchip Technology USB3370 Datasheet HTML 4Page - Microchip Technology USB3370 Datasheet HTML 5Page - Microchip Technology USB3370 Datasheet HTML 6Page - Microchip Technology USB3370 Datasheet HTML 7Page - Microchip Technology USB3370 Datasheet HTML 8Page - Microchip Technology USB3370 Datasheet HTML 9Page - Microchip Technology USB3370 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
USB3370
DS00001915B-page 6
 2012 - 2015 Microchip Technology Inc.
2.0
USB3370 PIN LOCATIONS AND DEFINITIONS
2.1
USB3370 Pin Locations and Descriptions
2.1.1
USB3370 PIN DIAGRAM AND PIN DEFINITIONS
The illustration below is viewed from the top of the package.
The following table details the pin definitions for the figure above.
FIGURE 2-1:
USB3370 PIN LOCATIONS - TOP VIEW
TABLE 2-1:
USB3370 PIN DESCRIPTIONS
Pin
Name
Direction/
Type
Active
Level
Description
27
CLKOUT
Output,
CMOS
N/A
ULPI Clock Out Mode:
60MHz ULPI clock output. All ULPI signals are driven
synchronous to the rising edge of this clock.
ULPI Clock In Mode:
Connect this pin to VDDIO to configure 60MHz ULPI
Clock IN mode as described in Section 5.5.1.
21
NXT
Output,
CMOS
High
The PHY asserts NXT to throttle the data. When the
Link is sending data to the PHY, NXT indicates when
the current byte has been accepted by the PHY.
1
DATA[0]
I/O,
CMOS
N/A
ULPI bi-directional data bus. DATA[0] is the LSB.
32
DATA[1]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
31
DATA[2]
I/O,
CMOS
N/A
ULPI bi-directional data bus.
USB3300
Hi-Speed USB2
ULPI PHY
32 Pin QFN
1
2
3
4
5
6
7
8
32 Pin QFN
5x5 mm
GND FLAG
24
23
22
21
20
19
18
17
VDDIO
RBIAS
DP
EXTVBUS
DM
DATA0
VDDIO
DATA7
STP
DIR
VDD18
NXT
ID
GND
RESETB
DATA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com