Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 10Page - Microchip Technology USB3370 Datasheet HTML 11Page - Microchip Technology USB3370 Datasheet HTML 12Page - Microchip Technology USB3370 Datasheet HTML 13Page - Microchip Technology USB3370 Datasheet HTML 14Page - Microchip Technology USB3370 Datasheet HTML 15Page - Microchip Technology USB3370 Datasheet HTML 16Page - Microchip Technology USB3370 Datasheet HTML 17Page - Microchip Technology USB3370 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
USB3370
DS00001915B-page 14
 2012 - 2015 Microchip Technology Inc.
4.7
VBUS Electrical Characteristics
Note 4-10
The RVPD and RVPU values include the required 1kΩ external RVBUS resistor.
4.8
ID Electrical Characteristics
4.9
USB Charger Detection Characteristics
TABLE 4-7:
VBUS ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
SessEnd trip point
VSessEnd
0.2
0.5
0.8
V
SessVld trip point
VSessVld
0.8
1.4
2.0
V
VbusVld trip point
VVbusVld
4.4
4.58
4.75
V
VBUS Pull-Up
RVPU
VBUS
to VDD33 Note 4-10
(ChargeVbus = 1)
1.29
1.34
1.45
kΩ
VBUS Pull-down
RVPD
VBUS
to GND Note 4-10
(DisChargeVbus = 1)
1.55
1.7
1.85
kΩ
VBUS Impedance
RVB
VBUS
to GND
40
75
100
kΩ
A-Device Impedance to
ground
RIdGnd
Maximum Impedance to
ground on ID pin
100
kΩ
TABLE 4-8:
ID ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
ID Ground Trip Point
VIdGnd
0.4
0.7
0.9
V
ID Float Trip Point
VIdFloat
1.6
2.2
2.5
V
ID pull-up resistance
RID
IdPullup = 1
80
100
120
kΩ
ID weak pull-up resistance
RIDW
IdPullup = 0
1
MΩ
ID pull-dn resistance
RIDPD
IdGndDrv = 1
1000
Ω
TABLE 4-9:
USB CHARGER DETECTION CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Data Source Voltage
VDAT_SRC
IDAT_SRC < 250uA
0.5
0.7
V
Data Detect Voltage
VDAT_REF
0.25
0.4
V
Data Source Current
IDAT_SRC
250
uA
Data Sink Current
IDAT_SINK
50
150
uA
Data Connect Current
IDP_SRC
713
uA
Weak Pull-up Resistor
Impedance
RCD
Configured by bits 4 and 5 in
USB IO & Power
Management register.
128
170
212
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com