Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 61 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 61 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 57Page - Microchip Technology USB3370 Datasheet HTML 58Page - Microchip Technology USB3370 Datasheet HTML 59Page - Microchip Technology USB3370 Datasheet HTML 60Page - Microchip Technology USB3370 Datasheet HTML 61Page - Microchip Technology USB3370 Datasheet HTML 62Page - Microchip Technology USB3370 Datasheet HTML 63Page - Microchip Technology USB3370 Datasheet HTML 64Page - Microchip Technology USB3370 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 61
USB3370
8.0
APPLICATION NOTES
8.1
Application Diagrams
The USB3370 requires few external components as shown in the application diagrams. The USB 2.0 Specification
restricts the voltage at the VBUS pin to a maximum value of 5.25V. In some applications, the voltage will exceed this
limit, so the USB3370 provides an integrated over voltage protection circuit. The over voltage protection circuit works
with an external resistor (RVBUS) to lower the voltage at the VBUS pin.
TABLE 8-1:
COMPONENT VALUES IN APPLICATION DIAGRAMS
Reference
Designator
Value
Description
Notes
COUT
See Table 4-10
Bypass capacitor to ground (<1
Ω ESR) for
regulator stability.
Place as close as possible to the
PHY.
CVBUS
See Table 8-2
Capacitor to ground required by the USB
Specification. Microchip recommends <1
Ω
ESR.
Place near the USB connector.
CBYP
System
dependent.
Bypass capacitor to ground. Typical
values used are 0.1 or 0.01
μF.
Place as close as possible to the
PHY.
CDC_LOAD
System
dependent.
The USB connector housing may be AC-
coupled to the device ground.
Industry convention is to ground
only the host side of the cable
shield.
RVBUS
1k
Ω or 20kΩ
Series resistor to work with internal over
voltage protection.
See Section 5.7.3.4 for information
regarding power dissipation.
RBIAS
10k
Ω (±1%)
Series resistor to establish reference
voltage.
See Section 5.3 for information
regarding power dissipation.
TABLE 8-2:
CAPACITANCE VALUES AT VBUS OF USB CONNECTOR
MODE
MIN Value
MAX Value
Host
120
μF
Device
1
μF10μF
OTG
1
μF6.5μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com