Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 64 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 64 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 60Page - Microchip Technology USB3370 Datasheet HTML 61Page - Microchip Technology USB3370 Datasheet HTML 62Page - Microchip Technology USB3370 Datasheet HTML 63Page - Microchip Technology USB3370 Datasheet HTML 64Page - Microchip Technology USB3370 Datasheet HTML 65Page - Microchip Technology USB3370 Datasheet HTML 66Page - Microchip Technology USB3370 Datasheet HTML 67Page - Microchip Technology USB3370 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
USB3370
DS00001915B-page 64
2012 - 2015 Microchip Technology Inc.
8.2
USB Charger Detection
The USB3370 provides the hardware described in the USB Battery Charging Specification. Microchip provides an Appli-
cation Note which describes how to use the USB3370 in a battery charging application.
8.3
Reference Designs
Microchip has generated reference designs for connecting the USB3370 to SoCs with a ULPI port. Please contact the
Microchip sales office for more details.
8.4
ESD Performance
The USB3370 is protected from ESD strikes. By eliminating the requirement for external ESD protection devices, board
space is conserved, and the board manufacturer is enabled to reduce cost. The advanced ESD structures integrated
into the USB3370 protect the device whether or not it is powered up.
8.4.1
HUMAN BODY MODEL (HBM) PERFORMANCE
HBM testing verifies the ability to withstand the ESD strikes like those that occur during handling and manufacturing,
and is done without power applied to the IC. To pass the test, the device must have no change in operation or perfor-
mance due to the event. The USB3370 HBM performance is detailed in Table 4-12.
FIGURE 8-3:
USB3370 APPLICATION DIAGRAM (HOST CONFIGURED FOR ULPI CLOCK
OUTPUT MODE)
3.0-5.5V
Supply
RVBUS must be installed to
enable overvoltage
protection of the VBUS pin.
CDC_BLOCK
The capacitor CVBUS
must be installed on
this side of RVBUS.
Link Controller
DIR
NXT
STP
CLKIN
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
REFCLK
USB
Receptacle
DM
DP
VBUS
SHIELD
GND
RBIAS
DIR
NXT
STP
CLKOUT
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA0
DATA1
RESETB
VDD33
DM
DP
GND
COUT
COUT
CBYP
RVBUS
CVBUS
VDDIO
CBYP
VDDIO Supply
CPEN_N
XO
EXTVBUS
ID
REFCLK
VBUS
VBUS Switch
OUT
EN
IN
5V
RBIAS
VDD18
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com