Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 7Page - Microchip Technology USB3370 Datasheet HTML 8Page - Microchip Technology USB3370 Datasheet HTML 9Page - Microchip Technology USB3370 Datasheet HTML 10Page - Microchip Technology USB3370 Datasheet HTML 11Page - Microchip Technology USB3370 Datasheet HTML 12Page - Microchip Technology USB3370 Datasheet HTML 13Page - Microchip Technology USB3370 Datasheet HTML 14Page - Microchip Technology USB3370 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001915B-page 11
USB3370
4.3
ULPI Interface Timing
Note 4-6
REFCLK
does not need to be aligned in any way to the ULPI signals.
4.4
Digital IO Pins
TABLE 4-3:
ULPI INTERFACE TIMING
Parameter
Symbol
Conditions
MIN
MAX
Units
60MHz ULPI Output Clock
Note 4-6
Setup time (STP, data in)
TSC, TSD Model-specific REFCLK
5.0
ns
Hold time (STP, data in)
THC, THD Model-specific REFCLK
0.0
ns
Output delay (control out, 8-bit data out)
TDC, TDD Model-specific REFCLK
1.5
6
ns
60MHz ULPI Input Clock
Setup time (STP, data in)
TSC, TSD 60MHz REFCLK
3ns
Hold time (STP, data in)
THC, THD 60MHz REFCLK
0ns
Output delay (control out, 8-bit data out)
TDC, TDD 60Mhz REFCLK
0.5
6.0
ns
Note:
CLoad = 10pF.
TABLE 4-4:
DIGITAL IO CHARACTERISTICS: RESETB, STP, DIR, NXT, DATA[7:0], AND REFCLK
PINS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
0.68 *
VDDIO
VDDIO
V
High-Level Input Voltage
REFCLK
and RESETB
VIH_REF
0.68 *
VDDIO
VDD33
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDDIO -
0.4
V
Output rise time
TIORISE
CLOAD = 10pF
1.19
nS
Output fall time
TIOFALL
CLOAD = 10pF
1.56
nS
Input Leakage Current
ILI
±10
uA
Pin Capacitance
Cpin
4
pF
STP
pull-up resistance
RSTP
InterfaceProtectDisable = 0
55
67
80
kΩ
DATA[7:0]
pull-down
resistance
RDATA_PD
ULPI Synchronous Mode
55
67
77
kΩ
CLKOUT
External Drive
VIH_ED
At start-up or following
reset
0.4 *
VDDIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com