Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3370 Datasheet(PDF) 57 Page - Microchip Technology

Part # USB3370
Description  Enhanced Single Supply Hi-Speed USB ULPI Transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3370 Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB3370 Datasheet HTML 53Page - Microchip Technology USB3370 Datasheet HTML 54Page - Microchip Technology USB3370 Datasheet HTML 55Page - Microchip Technology USB3370 Datasheet HTML 56Page - Microchip Technology USB3370 Datasheet HTML 57Page - Microchip Technology USB3370 Datasheet HTML 58Page - Microchip Technology USB3370 Datasheet HTML 59Page - Microchip Technology USB3370 Datasheet HTML 60Page - Microchip Technology USB3370 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
2012 - 2015 Microchip Technology Inc.
DS00001915B-page 57
USB3370
7.1.2.3
Carkit Interrupt Status
Address = 20h (read only)
CarDpRise
3
rd
0b
Not Implemented. Reads as 0b.
CarDpFall
4
rd
0b
Not Implemented. Reads as 0b.
RidIntEn
5
rd/w/s/c
0b
When enabled an interrupt will be generated on the
alt_int of the RXCMD byte when RidConversionDone
bit is asserted.
Note:
This register bit is or’ed with the RidIntEn bit
of the Vendor Rid Conversion register
described in Section 7.1.3.3.
Reserved
6
rd
0b
Read only, 0.
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description
IdFloat
0
rd
0b
Asserted when the ID pin is floating. IdPullup must be
enabled.
VdatDet
1rd
0b
VDAT_DET Comparator output
0b: No voltage is detected on DP
1b: Voltage detected on DP, IdatSinkEn must be set to
1.
Note:
VdatDet
can also be read from the USB-IF
Charger Detection register described in
Section 7.1.3.3.
CarDp
2
rd
0b
Not Implemented. Reads as 0b.
RidValue
5:3
rd
000b
Conversion value of Rid resistor
000: 0 ohms
001: 75 ohms
010: 102K ohms
011: 200K ohms
100: Reserved
101: ID floating
111: Error
Note:
RidValue
can also be read from the Vendor
Rid Conversion register described in
Section 7.1.3.3.
RidConversionDone
6
rd
0b
Automatically asserted by the USB3370 when the Rid
Conversion is finished. The conversion will take
282uS. This bit will auto clear when the RidValue is
read from the Rid Conversion Register. Reading the
RidValue
from the Carkit Interrupt Status register will
not clear either RidConversionDone status bit.
Note:
RidConversionDone
can also be read from
the Vendor Rid Conversion register described
in Section 7.1.3.3.
Reserved
7
rd
0b
Read only, 0.
Field Name
Bit
Access
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com