Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 157 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 153Page - Texas Instruments TMS570LS1114 Datasheet HTML 154Page - Texas Instruments TMS570LS1114 Datasheet HTML 155Page - Texas Instruments TMS570LS1114 Datasheet HTML 156Page - Texas Instruments TMS570LS1114 Datasheet HTML 157Page - Texas Instruments TMS570LS1114 Datasheet HTML 158Page - Texas Instruments TMS570LS1114 Datasheet HTML 159Page - Texas Instruments TMS570LS1114 Datasheet HTML 160Page - Texas Instruments TMS570LS1114 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
8.6
Device Identification
8.6.1
Device Identification Code Register
The device identification code register identifies several aspects of the device including the silicon version.
The details of the device identification code register are shown in Table 8-1. The device identification code
register value for this device is:
•
Rev A = 0x8046AD05
•
Rev B = 0x8046AD15
•
Rev C = 0x8046AD1D
Figure 8-2. Device ID Bit Allocation Register
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CP-15
UNIQUE ID
TECH
R-1
R-00000000100011
R-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TECH
I/O
PERIPH
FLASH ECC
RAM
VERSION
1
0
1
VOLT
PARITY
ECC
AGE
R-101
R-0
R-1
R-10
R-1
R-00011
R-1
R-0
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-1. Device ID Bit Allocation Register Field Descriptions
Bit
Field
Value
Description
31
CP15
Indicates the presence of coprocessor 15
1
CP15 present
30-17
UNIQUE ID
100011
Unique device identification number
This bitfield holds a unique number for a dedicated device configuration (die).
16-13
TECH
Process technology on which the device is manufactured.
0101
F021
12
I/O VOLTAGE
I/O voltage of the device.
0
I/O are 3.3v
11
PERIPHERAL
1
Peripheral Parity
PARITY
Parity on peripheral memories
10-9
FLASH ECC
Flash ECC
10
Program memory with ECC
8
RAM ECC
Indicates if RAM memory ECC is present.
1
ECC implemented
7-3
REVISION
Revision of the Device.
2-0
101
The platform family ID is always 0b101
8.6.2
Die Identification Registers
The two die ID registers at addresses 0xFFFFFF7C and 0xFFFFFF80 form a 64-bit dieid with the
information as shown in Table 8-2.
Table 8-2. Die-ID Registers
Item
# of Bits
Bit Location
X Coordinate on Wafer
12
0xFFFFFF7C[11:0]
Y Coordinate on Wafer
12
0xFFFFFF7C[23:12]
Wafer #
8
0xFFFFFF7C[31:24]
Lot #
24
0xFFFFFF80[23:0]
Copyright © 2012–2015, Texas Instruments Incorporated
Device and Documentation Support
157
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com