Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 59Page - Texas Instruments TMS570LS1114 Datasheet HTML 60Page - Texas Instruments TMS570LS1114 Datasheet HTML 61Page - Texas Instruments TMS570LS1114 Datasheet HTML 62Page - Texas Instruments TMS570LS1114 Datasheet HTML 63Page - Texas Instruments TMS570LS1114 Datasheet HTML 64Page - Texas Instruments TMS570LS1114 Datasheet HTML 65Page - Texas Instruments TMS570LS1114 Datasheet HTML 66Page - Texas Instruments TMS570LS1114 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 6-13. Clock Domain Descriptions (continued)
Clock Domain Name
Default Clock
Clock Source
Description
Source
Selection Register
VCLKA1
VCLK
VCLKASRC
•
Defaults to VCLK as the source
•
Is disabled through the CDDISx registers bit 4
VCLKA2
VCLK
VCLKASRC
•
Defaults to VCLK as the source
•
Is disabled through the CDDISx registers bit 5
VCLKA4_S
VCLK
VCLKACON1
•
Defaults to VCLK as the source
•
Frequency can be as fast as HCLK frequency
•
Is disabled through the CDDISx registers bit 11
VCLKA4_DIVR
VCLK
VCLKACON1
•
Divided down from the VCLKA4_S using the VCLKA4R field of
the VCLKACON1 register at address 0xFFFFE140
•
Frequency can be VCLKA4_S/1, VCLKA4_S/2, ..., or
VCLKA4_S/8
•
Default frequency is VCLKA4_S/2
•
Is disabled separately through the VCLKACON1 register
VCLKA4_DIV_CDDIS bit only if the VCLKA4_S clock is not
disabled
RTICLK
VCLK
RCLKSRC
•
Defaults to VCLK as the source
•
If a clock source other than VCLK is selected for RTICLK, then
the RTICLK frequency must be less than or equal to VCLK/3
–
Application can ensure this by programming the RTI1DIV
field of the RCLKSRC register, if necessary
•
Is disabled through the CDDISx registers bit 6
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
63
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com