Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 30Page - Texas Instruments TMS570LS1114 Datasheet HTML 31Page - Texas Instruments TMS570LS1114 Datasheet HTML 32Page - Texas Instruments TMS570LS1114 Datasheet HTML 33Page - Texas Instruments TMS570LS1114 Datasheet HTML 34Page - Texas Instruments TMS570LS1114 Datasheet HTML 35Page - Texas Instruments TMS570LS1114 Datasheet HTML 36Page - Texas Instruments TMS570LS1114 Datasheet HTML 37Page - Texas Instruments TMS570LS1114 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
4.3.2.14 System Module Interface
Table 4-33. ZWT System Module Interface
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
nPORRST
W7
Input
Pull Down
Fixed 100 µA
Power-on reset, cold reset
Pull Down
External power supply
monitor circuitry must
drive nPORRST low when
any of the supplies to the
microcontroller fall out of
the specified range. This
terminal has a glitch filter.
See Section 6.8.
nRST
B17
I/O
Pull Up
Fixed 100 µA
System reset, warm reset,
Pull Up
bidirectional.
The internal circuitry
indicates any reset
condition by driving nRST
low.
The external circuitry can
assert a system reset by
driving nRST low. To
ensure that an external
reset is not arbitrarily
generated, TI
recommends that an
external pull-up resistor is
connected to this terminal.
This terminal has a glitch
filter. See Section 6.8.
nERROR
B14
I/O
Pull Down
Fixed 20 µA
ESM Error Signal
Pull Down
Indicates error of high
severity. See
Section 6.18.
4.3.2.15 Clock Inputs and Outputs
Table 4-34. ZWT Clock Inputs and Outputs
Terminal
Signal
Reset Pull
Pull Type
Description
Type
State
Signal Name
337
ZWT
OSCIN
K1
Input
N/A
None
From external
crystal/resonator, or
external clock input
KELVIN_GND
L2
Input
Kelvin ground for oscillator
OSCOUT
L1
Output
To external
crystal/resonator
ECLK
A12
I/O
Pull Down
Programmable,
External prescaled clock
20 µA
output, or GIO.
GIOA[5]/EXTCLKIN/EPWM1A/N2HET1_PIN_nDIS
B5
Input
Pull Down
20 µA
External clock input #1
EXTCLKIN2
R9
Input
External clock input #2
VCCPLL
P11
1.2V
N/A
None
Dedicated core supply for
Power
PLL's
34
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com